Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V01 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT72V01
Description  3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V01 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT72V01 Datasheet HTML 1Page - Integrated Device Technology IDT72V01 Datasheet HTML 2Page - Integrated Device Technology IDT72V01 Datasheet HTML 3Page - Integrated Device Technology IDT72V01 Datasheet HTML 4Page - Integrated Device Technology IDT72V01 Datasheet HTML 5Page - Integrated Device Technology IDT72V01 Datasheet HTML 6Page - Integrated Device Technology IDT72V01 Datasheet HTML 7Page - Integrated Device Technology IDT72V01 Datasheet HTML 8Page - Integrated Device Technology IDT72V01 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
5.08
2
IDT72V01/72V02/72V03/72V04 3.3 VOLT CMOS ASYNCHRONOUS FIFO
512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9
COMMERCIAL TEMPERATURE RANGE
PIN CONFIGURATIONS
PLCC
TOP VIEW
SMALL OUTLINE PACKAGE TO BE DETERMINED
RECOMMENDED DC OPERATING
CONDITIONS
Symbol
Rating
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
3.0
3.3
3.6
V
GND
Supply Voltage
0
0
0
V
VIH
(1)
Input High Voltage
2.0
—
VCC+0.5
V
VIL
(2)
Input Low Voltage
—
—
0.8
V
NOTE:
2679 tbl 03
1. VIH = 2.6V for
XI input (commercial).
2. 1.5V undershoots are allowed for 10ns once per cycle.
D2
5
D1
6
D0
7
XI
8
FF
9
Q0
10
Q1
11
NC
12
Q2
13
D6
D7
NC
FL/RT
RS
EF
XO/HF
Q7
Q6
29
28
27
26
25
24
23
22
21
4
3
2
1
32 31 30
14 15 16 17 18 19 20
INDEX
J32-1
2679 drw 02b
ABSOLUTE MAXIMUM RATINGS
(1)
Symbol
Rating
Com’l.
Unit
VTERM
Terminal Voltage
–0.5 to +7.0
V
with Respect
to GND
TA
Operating
0 to +70
°C
Temperature
TBIAS
Temperature
–55 to +125
°C
Under Bias
TSTG
Storage
–55 to +125
°C
Temperature
IOUT
DC Output
50
mA
Current
NOTE:
2679 tbl 01
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliabilty.
CAPACITANCE (TA = +25
°C, f = 1.0 MHz)
Symbol
Parameter
(1)
Condition
Max.
Unit
CIN
Input Capacitance
VIN = 0V
8
pF
COUT
Output Capacitance
VOUT = 0V
8
pF
NOTE:
2679 tbl 02
1. This parameter is sampled and not 100% tested.
W
D8
VCC
D4
1
2
28
27
D3
D5
326
D2
D6
425
D1
D7
524
D0
FL/RT
623
XI
RS
722
FF
EF
821
Q0
XO/HF
920
Q1
Q7
10
19
Q2
Q6
11
18
Q3
Q5
12
17
Q8
Q4
13
16
GND
R
14
15
2679 drw 02a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com