Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V01 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT72V01
Description  3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V01 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT72V01 Datasheet HTML 1Page - Integrated Device Technology IDT72V01 Datasheet HTML 2Page - Integrated Device Technology IDT72V01 Datasheet HTML 3Page - Integrated Device Technology IDT72V01 Datasheet HTML 4Page - Integrated Device Technology IDT72V01 Datasheet HTML 5Page - Integrated Device Technology IDT72V01 Datasheet HTML 6Page - Integrated Device Technology IDT72V01 Datasheet HTML 7Page - Integrated Device Technology IDT72V01 Datasheet HTML 8Page - Integrated Device Technology IDT72V01 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Integrated Device Technology, Inc.
COMMERCIAL TEMPERATURE RANGE
DECEMBER 1996
©1996 Integrated Device Technology, Inc.
DSC-3033/6
5.08
1
7202/7203/7204. These devices load and empty data on a
first-in/first-out basis.
They use Full and Empty flags to
prevent data overflow and underflow and expansion logic to
allow for unlimited expansion capability in both word size and
depth.
The reads and writes are internally sequential through the
use of ring pointers, with no address information required to
load and unload data. Data is toggled in and out of the devices
through the use of the Write (
W)andRead(R)pins. Thedevices
have a maximum data access time as fast as 25 ns.
The devices utilize a 9-bit wide data array to allow for
control and parity bits at the user’s option. This feature is
especially useful in data communications applications where
it is necessary to use a parity bit for transmission/reception
error checking. They also feature a Retransmit (
RT) capability
that allows for reset of the read pointer to its initial position
when
RT is pulsed low to allow for retransmission from the
beginning of data. A Half-Full Flag is available in the single
device mode and width expansion modes.
The IDT72V01/72V02/72V03/72V04 is fabricated using
IDT’s high-speed CMOS technology. It has been designed for
those applications requiring asynchronous and simultaneous
read/writes in multiprocessing and rate buffer applications.
FEATURES:
• 3.3V family uses 70% less power than the 5 Volt 7201/
02/03/04 family
• 512 x 9 organization (72V01)
• 1024 x 9 organization (72V02)
• 2048 x 9 organization (72V03)
• 4096 X 9 organization (72V04)
• Functionally compatible with 720x family
• 25 ns access time
• Asynchronous and simultaneous read and write
• Fully expandable by both word depth and/or bit width
• Status Flags: Empty, Half-Full, Full
• Auto-retransmit capability
• Available in 32-pin PLCC and 28-pin SOIC Package (to
be determined)
• Industrial temperature range (-40oC to +85oC) is avail-
able, tested to military electrical specifications
3.3 VOLT CMOS
ASYNCHRONOUS FIFO
512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
CEMOS is a trademark of Integrated Device Technology, Inc.
FAST is a trademark of National Semiconductor Co.
IDT72V01
IDT72V02
IDT72V03
IDT72V04
DESCRIPTION:
The IDT72V01/72V02/72V03/72V04 are dual-port FIFO
memories that operate at a power supply voltage (Vcc)
between 3.0V and 3.6V. Their architecture, functional opera-
tion and pin assignments are identical to those of the IDT7201/
FUNCTIONAL BLOCK DIAGRAM
W
WRITE
CONTROL
READ
CONTROL
R
FLAG
LOGIC
EXPANSION
LOGIC
XI
WRITE
POINTER
RAM
ARRAY
512x 9
1024 x 9
2048 x 9
4096 x 9
READ
POINTER
DATA INPUTS
RESET
LOGIC
THREE-
STATE
BUFFERS
DATA OUTPUTS
EF
FF
XO/HF
RS
FL/RT
0
(D –D8)
0
(Q –Q8)
2679 drw 01
For latest information contact IDT's web site at www.idt.com or fax-on-demand at 408-492-8391.


Similar Part No. - IDT72V01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01 Datasheet
149Kb / 12P
3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V01 IDT-IDT72V01 Datasheet
301Kb / 12P
3.3 VOLT CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V01 RENESAS-IDT72V01 Datasheet
288Kb / 13P
3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V01L15J IDT-IDT72V01L15J Datasheet
149Kb / 12P
3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V01L15JI IDT-IDT72V01L15JI Datasheet
149Kb / 12P
3.3 VOLT CMOS ASYNCHRONOUS FIFO
More results

Similar Description - IDT72V01

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
CMOS 4096 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com