Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28F002BC Datasheet(PDF) 13 Page - Intel Corporation

Part # 28F002BC
Description  28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F002BC Datasheet(HTML) 13 Page - Intel Corporation

Back Button 28F002BC Datasheet HTML 9Page - Intel Corporation 28F002BC Datasheet HTML 10Page - Intel Corporation 28F002BC Datasheet HTML 11Page - Intel Corporation 28F002BC Datasheet HTML 12Page - Intel Corporation 28F002BC Datasheet HTML 13Page - Intel Corporation 28F002BC Datasheet HTML 14Page - Intel Corporation 28F002BC Datasheet HTML 15Page - Intel Corporation 28F002BC Datasheet HTML 16Page - Intel Corporation 28F002BC Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
E
28F002BC 2-MBIT BOOT BLOCK FLASH MEMORY
13
PRELIMINARY
with altering memory contents are accessible via
the CUI.
The purpose of the Write State Machine (WSM) is
to automate the write and erasure of the device
completely. The WSM will begin operation upon
receipt of a signal from the CUI and will report
status back through the status register. The CUI will
handle the WE# interface to the data and address
latches, as well as system software requests for
status while the WSM is in operation.
3.1
Bus Operations
Flash memory reads, erases and writes in-system
via the local CPU. All bus cycles to or from the flash
memory conform to standard microprocessor bus
cycles. These bus operations are summarized in
Tables 2 and 4.
3.2
Read Operations
The 28F002BC has three user read modes: read
array, read intelligent identifier, and read status
register.
During power-up conditions, it takes a maximum of
600 ns from when VCC is at 4.5V to when valid data
is available at the outputs.
3.2.1
READ ARRAY
When RP# transitions from VIL (reset) to VIH, the
device will be in read array mode and will respond
to the read control inputs (CE#, OE#, and address
inputs) without any commands being written to the
CUI.
When the device is in read array mode, four control
signals must be manipulated to read data at the
outputs.
• WE# must be logic high (VIH)
• CE# must be logic low (VIL)
• OE# must be logic low (VIL)
• RP# must be logic high (VIH)
In addition, the address of the desired location must
be applied to the address pins. Refer to AC
Characteristics for the exact sequence and timing
of these signals.
If the device is not in read array mode, as would be
the case after a program or erase operation, the
Read Mode command (FFH) must be written to the
CUI before array reads can take place.
Table 2. 28F002BC Bus Operations
Mode
Notes
RP#
CE#
OE#
WE#
A9
A0
VPP
DQ0–7
Read
1,2,3
VIH
VIL
VIL
VIH
XX
X
DOUT
Output Disable
VIH
VIL
VIH
VIH
X
X
X
High Z
Standby
VIH
VIH
X
X
X
X
X
High Z
Deep Power-Down
8
VIL
X
X
X
X
X
X
High Z
Intelligent Identifier (Mfr)
4
VIH
VIL
VIL
VIH
VID
VIL
X
89H
Intelligent Identifier (Device)
4
VIH
VIL
VIL
VIH
VID
VIH
X
7CH
Write
5,6,7
VIH
VIL
VIH
VIL
XX
VPPH
DIN
NOTES:
1. Refer to DC Characteristics.
2. X can be VIL, VIH for control pins and addresses, VPPLK or VPPH for VPP.
3. See DC Characteristics for VPPLK, VPPH, VHH, VID voltages.
4. Manufacturer and device codes may also be accessed via a CUI write sequence, A1-A17 = X.
5. Refer to Table 3 for valid DIN during a write operation.
6. Command writes for program or block erase are only executed when VPP = VPPH.
7. To write or erase the boot block, hold RP# at VHH.
8. RP# must be at GND
± 0.2V to meet the maximum deep power-down current specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com