Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28F002BC Datasheet(PDF) 6 Page - Intel Corporation

Part # 28F002BC
Description  28F002BC 2-MBIT (256K X 8) BOOT BLOCK FLASH MEMORY
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F002BC Datasheet(HTML) 6 Page - Intel Corporation

Back Button 28F002BC Datasheet HTML 2Page - Intel Corporation 28F002BC Datasheet HTML 3Page - Intel Corporation 28F002BC Datasheet HTML 4Page - Intel Corporation 28F002BC Datasheet HTML 5Page - Intel Corporation 28F002BC Datasheet HTML 6Page - Intel Corporation 28F002BC Datasheet HTML 7Page - Intel Corporation 28F002BC Datasheet HTML 8Page - Intel Corporation 28F002BC Datasheet HTML 9Page - Intel Corporation 28F002BC Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
28F002BC 2-MBIT BOOT BLOCK FLASH MEMORY
E
6
PRELIMINARY
Pentium®
Processor
100/90 MHz
Cache
Main
Memory
82430FX
PCIset
(82437FX)
82430FX
PCIset
(82371FB)
Host
Bus
PCI
Bus
ISA
Bus
X-Bus
7 B
4 U
S F
2 F
4 E
5 R
X
M
E
M
R
#
X
M
E
M
W
#
PWROK
Vpp
J1
XDIR XOE#
Intel
28F002BC
A[16:0]
CE#
OE#
WE#
RP#
DQ[7:0]
0578_01
Figure 1. 28F002BC-T Interface to a Pentium® Microprocessor System
IPP, the maximum program current, is 20 mA. The
VPP voltage for erase and program is 11.4V to
12.6V (VPP = 12V ± 5%) under all operating
conditions. Typical ICC active current is 20 mA.
The 28F002BC flash memory is also designed with
a standby mode to minimize system current drain
and allow for low-power designs. When the CE#
and RP# pins are at VCC, the CMOS standby mode
is enabled and ICC drops to about 50 µA.
A deep power-down mode is enabled when the RP#
pin is at ground. In addition to minimizing power
consumption, the deep power-down mode also
provides
write
protection
during
power-up
conditions. ICC current during deep power-down
mode is 0.20 µA typical. An initial maximum access
time or reset time of 300 ns is required from RP#
switching high until outputs are valid. Equivalently,
the device has a maximum wake-up time of 215 ns
until writes to the CUI are recognized.
When RP# is at ground, the WSM is reset, the
status register is cleared, and the entire device is
write-protected.
This
feature
prevents
data
corruption and protects the code stored in the
device during system reset. The system Reset pin
can be tied to RP# to reset the memory to read
mode at power-up. With on-chip program/erase
automation
and
RP#
functionality
for
data
protection,
the
device
is
protected
against
unwanted program and/or erase cycles, even
during system reset.
1.3
Applications
2-Mbit Boot Block flash memory combines high
density, high performance, and cost-effective flash
memory with blocking and hardware protection
capabilities. Its flexibility and versatility reduces
cost throughout the product life cycle. Flash
memory is ideal for Just-In-Time production flow,
reducing
system
inventory
and
costs,
and
eliminating
component
handling
during
the
production phase. During a product’s life cycle,
flash memory reduces costs by allowing user-
performed code updates and feature enhancements
via floppy disk or remote link.
The 28F002BC is a full-function blocked flash
product suitable for a wide range of applications,
including extended PC BIOS, digital cellular phone
program
and
data
storage,
telecommunication
boot/firmware, and various embedded applications
where both program and data storage are required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com