| Electronic Components Datasheet Search |
|
AD1953 Datasheet(PDF) 19 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD1953 Datasheet(HTML) 19 Page - Analog Devices |
|
19 / 36 page ![]() REV. 0 AD1953 –19– The detailed data format diagram for continuous-mode opera- tion is given in SPI Read/Write data formats. A sample timing diagram for a single SPI WRITE operation to the parameter RAM is shown in Figure 16. Table I. SPI Word Format Byte 0 Byte 1 Byte 2 Byte 3 Byte 4 00000, R/Wb, adr[9:8] Adr[7:0] Data Data Data A sample timing diagram of a single SPI READ operation is shown in Figure 17. The COUT pin goes from three-state to driven at the beginning of Byte 2. Bytes 0 and 1 contain the address and R/W bit, and Bytes 2 to 4 carry the data. The exact format is shown in Tables VIII to XIX. The AD1953 has several mechanisms for updating signal- processing parameters in real time without causing loud pops or clicks. In cases where large blocks of data need to be downloaded, the DSP core can be shut down and new data loaded, and the core can then be restarted. The shutdown and restart mecha- nisms employ a gradual volume ramp to prevent clicks and pops. In cases where only a few parameters need to be changed (for example, a single biquad filter), a safeload mechanism is used that allows a block of SPI registers to be transferred to the parameter RAM within a single audio frame while the core is running. The safeload mode uses internal logic to prevent con- tention between the DSP core and the SPI port. SPI Address Decoding Table II shows the address decoding used in the SPI port. The SPI address space encompasses a set of registers and two RAMs, one for holding signal-processing parameters and one for holding the program instructions. Both of the RAMs are loaded on power-up from on-board boot ROMs. BYTE 0 BYTE 1 BYTE 4 CDATA CCLK CLATCH Figure 16. Sample of SPI WRITE Format (Single-Write Mode) BYTE 0 CDATA CCLK CLATCH COUT BYTE 1 HI-Z DATA XXX DATA DATA HI-Z Figure 17. Sample of SPI READ Format (Single-Read Mode) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |