Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1953 Datasheet(PDF) 23 Page - Analog Devices

Part # AD1953
Description  SigmaDSP 3-Channel, 26-Bit Signal Processing DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1953 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD1953_15 Datasheet HTML 19Page - Analog Devices AD1953_15 Datasheet HTML 20Page - Analog Devices AD1953_15 Datasheet HTML 21Page - Analog Devices AD1953_15 Datasheet HTML 22Page - Analog Devices AD1953_15 Datasheet HTML 23Page - Analog Devices AD1953_15 Datasheet HTML 24Page - Analog Devices AD1953_15 Datasheet HTML 25Page - Analog Devices AD1953_15 Datasheet HTML 26Page - Analog Devices AD1953_15 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
REV. 0
AD1953
–23–
Volume Registers
The AD1953 contains eight 22-bit volume registers, one each
for the left, right, and subwoofer channels and an additional five
registers to be used by custom programs used in multichannel
applications. These registers are special because when the volume
is changed from an initial value to a new value, a linear ramp is
used to interpolate between the two values. This feature prevents
audible clicks and pops when changing volume. The ramp is
set so that it takes 512 audio frames to decrement from a volume of
1.0 (default) down to 0 (muted). The volume registers are for-
matted in 2.20 twos complement, meaning that 010000000
0000000000000 is interpreted as 1.0. Negative values can also be
written to the volume register, causing an inversion of the signal.
Negative values work as expected with the ramp feature; to go
from +1.0 to –1.0 will take 1024 LRCLKs, and the volume will
pass through 0 on the way.
Parameter RAM Contents
Table VI shows the contents of the parameter RAM. The
parameter RAM is 22 bits wide and occupies SPI addresses
0–255. The low addresses of the RAM are used to control the
biquad filters. There are 22 biquad filters in all, and each
biquad has five coefficients, resulting in a total memory usage
of 110 coefficients. There are also two tables of 33 coefficients
each that define the main and sub compressor input/output
characteristics. These are loaded with 1.0 on power-up, resulting
in no compression. Other RAM entries control other compressor
characteristics, as well as delay and spatialization settings.
The parameter RAM is initialized on power-up by an on-board
boot ROM. The default values (shown in the table) yield no
equalization, no compression, no spatialization, no delay, and
“normal” detector time constants in the compressor sections.
The functionality of the AD1953 on power-up is basically that
of a normal audio DAC with no signal-processing capability.
The data format of the Parameter RAM is twos complement
2.20 format. This means that the coefficients may range from
+2.0 (–1 LSB) to –2.0, with 1.0 represented by the binary word
0100000000000000000000.
Table VI. Parameter RAM Contents
Default Value
in Fractional
Address
Function
2.20 Format
0
IIR0 Left b0
1.0
1
IIR0 Left b1
0
2
IIR0 Left b2
0
3
IIR0 Left a1
0
4
IIR0 Left a2
0
5
IIR1 Left b0
1.0
6
IIR1 Left b1
0
7
IIR1 Left b2
0
8
IIR1 Left a1
0
9
IIR1 Left a2
0
10
IIR2 Left b0
1.0
11
IIR2 Left b1
0
12
IIR2 Left b2
0
13
IIR2 Left a1
0
14
IIR2 Left a2
0
15
IIR3 Left b0
1.0
16
IIR3 Left b1
0
17
IIR3 Left b2
0
18
IIR3 Left a1
0
19
IIR3 Left a2
0
20
IIR4 Left b0
1.0
21
IIR4 Left b1
0
22
IIR4 Left b2
0
23
IIR4 Left a1
0
24
IIR4 Left a2
0
25
IIR5 Left b0
1.0
26
IIR5 Left b1
0
27
IIR5 Left b2
0
28
IIR5 Left a1
0
29
IIR5 Left a2
0
30
IIR6 Left b0
1.0
31
IIR6 Left b1
0
32
IIR6 Left b2
0
33
IIR6 Left a1
0
34
IIR6 Left a2
0
35
IIR0 Right b0
1.0
Table VI. Parameter RAM Contents (continued)
Default Value
in Fractional
Address
Function
2.20 Format
36
IIR0 Right b1
0
37
IIR0 Right b2
0
38
IIR0 Right a1
0
39
IIR0 Right a2
0
40
IIR1 Right b0
1.0
41
IIR1 Right b1
0
42
IIR1 Right b2
0
43
IIR1 Right a1
0
44
IIR1 Right a2
0
45
IIR2 Right b0
1.0
46
IIR2 Right b1
0
47
IIR2 Right b2
0
48
IIR2 Right a1
0
49
IIR2 Right a2
0
50
IIR3 Right b0
1.0
51
IIR3 Right b1
0
52
IIR3 Right b2
0
53
IIR3 Right a1
0
54
IIR3 Right a2
0
55
IIR4 Right b0
1.0
56
IIR4 Right b1
0
57
IIR4 Right b2
0
58
IIR4 Right a1
0
59
IIR4 Right a2
0
60
IIR5 Right b0
1.0
61
IIR5 Right b1
0
62
IIR5 Right b2
0
63
IIR5 Right a1
0
64
IIR5 Right a2
0
65
IIR6 Right b0
1.0
66
IIR6 Right b1
0
67
IIR6 Right b2
0
68
IIR6 Right a1
0
69
IIR6 Right a2
0
70
IIR0 Xover Left b0
1.0
71
IIR0 Xover Left b1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com