| Electronic Components Datasheet Search |
|
AD1953 Datasheet(PDF) 30 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD1953 Datasheet(HTML) 30 Page - Analog Devices |
|
30 / 36 page ![]() REV. 0 AD1953 –30– SERIAL DATA INPUT/OUTPUT PORTS The AD1953’s flexible serial data input port accepts data in twos complement, MSB first format. The left channel data field always precedes the right channel data field. The serial mode is set by using mode select bits in the SPI control register. In all modes except for the right-justified mode, the serial port will accept an arbitrary number of bits up to a limit of 24 (extra bits will not cause an error, but they will be truncated internally). In the right- justified mode, SPI control register bits are used to set the word length to 16, 20, or 24 bits. The default on power-up is 24-bit mode. Proper operation of the right-justified mode requires that there be exactly 64 BCLK per audio frame. Serial Data Input/Output Modes Figure 19 shows the serial input modes. For the left-justified mode, LRCLK is HIGH for the left channel, and LOW for the right channel. Data is sampled on the rising edge of BCLK. The MSB is left-justified to an LRCLK transition, with no MSB delay. The left-justified mode can accept any word length up to 24 bits. In I 2S mode, LRCLK is low for the left channel and high for the right channel. Data is valid on the rising edge of BCLK. The MSB is left-justified to an LRCLK transition but with a single BCLK period delay. The I 2S mode can be used to accept any number of bits up to 24. In right-justified mode, LRCLK is high for the left channel and low for the right channel. Data is sampled on the rising edge of BCLK. The start of data is delayed from the LRCLK edge by 16, 12, or 8 BCLK intervals, depending on the selected word length. The default word length is 24 bits; other word lengths are set by writing to Bits <1:0> of Control Register 1. In right-justified mode, it is assumed that there are 64 BCLKs per frame. RIGHT CHANNEL LEFT CHANNEL LRCLK BCLK SDATA LSB LSB LSB LSB LSB LSB LSB LSB LEFT CHANNEL RIGHT CHANNEL LRCLK BCLK SDATA LRCLK BCLK SDATA LRCLK BCLK SDATA DSP MODE – 16 BITS TO 24 BITS PER CHANNEL NOTES 1. DSP MODE DOESN’T IDENTIFY CHANNEL 2. LRCLK NORMALLY OPERATES AT fS EXCEPT DSP MODE, WHICH IS 2 fS 3. BCLK FREQUENCY IS NORMALLY 64 LRCLK BUT MAY BE OPERATED IN BURST MODE I2S MODE – 16 BITS TO 24 BITS PER CHANNEL RIGHT-JUSTIFIED MODE – SELECT NUMBER OF BITS PER CHANNEL 1/ fS LEFT-JUSTIFIED MODE – 16 BITS TO 24 BITS PER CHANNEL MSB MSB MSB MSB MSB MSB MSB MSB Figure 19. Serial Input Modes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |