Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28F008C3 Datasheet(PDF) 30 Page - Intel Corporation

Part # 28F008C3
Description  3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008C3 Datasheet(HTML) 30 Page - Intel Corporation

Back Button 28F008C3 Datasheet HTML 26Page - Intel Corporation 28F008C3 Datasheet HTML 27Page - Intel Corporation 28F008C3 Datasheet HTML 28Page - Intel Corporation 28F008C3 Datasheet HTML 29Page - Intel Corporation 28F008C3 Datasheet HTML 30Page - Intel Corporation 28F008C3 Datasheet HTML 31Page - Intel Corporation 28F008C3 Datasheet HTML 32Page - Intel Corporation 28F008C3 Datasheet HTML 33Page - Intel Corporation 28F008C3 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
3 VOLT ADVANCED+ BOOT BLOCK
E
30
PRODUCT PREVIEW
4.5
AC Characteristics—Read Operations(1)—Extended Temperature
Product
–90
–110
VCC
3.0 V–3.6 V
2.7 V–3.6 V
3.0 V–3.6 V
2.7 V–3.6 V
#
Sym
Parameter
Note
Min
Max
Min
Max
Min
Max
Min
Max
Unit
R1
tAVAV
Read Cycle Time
80
90
100
110
ns
R2
tAVQV
Address to
Output Delay
80
90
100
110
ns
R3
tELQV
CE# to Output
Delay
2
80
90
100
110
ns
R4
tGLQV
OE# to Output
Delay
2
30
303030
ns
R5
tPHQV
RP# to Output
Delay
150
150
150
150
ns
R6
tELQX
CE# to Output in
Low Z
3
0000
ns
R7
tGLQX
OE# to Output in
Low Z
3
0000
ns
R8
tEHQZ
CE# to Output in
High Z
3
20
202020
ns
R9
tGHQZ
OE# to Output in
High Z
3
20
202020
ns
R10
tOH
Output Hold from
Address, CE#, or
OE# Change,
Whichever
Occurs First
3
0000
ns
NOTES:
1.
See
AC Waveform: Read Operations.
2.
OE# may be delayed up to tELQV–tGLQV after the falling edge of CE# without impact on tELQV.
3.
Sampled, but not 100% tested.
4.
See Test Configuration (Figure 8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com