Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28F008C3 Datasheet(PDF) 5 Page - Intel Corporation

Part # 28F008C3
Description  3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008C3 Datasheet(HTML) 5 Page - Intel Corporation

  28F008C3 Datasheet HTML 1Page - Intel Corporation 28F008C3 Datasheet HTML 2Page - Intel Corporation 28F008C3 Datasheet HTML 3Page - Intel Corporation 28F008C3 Datasheet HTML 4Page - Intel Corporation 28F008C3 Datasheet HTML 5Page - Intel Corporation 28F008C3 Datasheet HTML 6Page - Intel Corporation 28F008C3 Datasheet HTML 7Page - Intel Corporation 28F008C3 Datasheet HTML 8Page - Intel Corporation 28F008C3 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
E
3 VOLT ADVANCED+ BOOT BLOCK
5
PRODUCT PREVIEW
1.0
INTRODUCTION
This document contains the specifications for the
3 Volt Advanced+ Boot Block flash memory family.
These flash memories add features which can be
used to enhance the security of systems: instant
block locking and a protection register.
Throughout this document, the term “2.7 V” refers
to the full voltage range 2.7 V–3.6 V (except where
noted otherwise) and “VPP = 12 V” refers to 12 V
±5%. Sections 1 and 2 provide an overview of the
flash memory family including applications, pinouts,
pin descriptions and memory organization. Section
3 describes the operation of these products. Finally,
Section 4 contains the operating specifications.
1.1
3 Volt Advanced+ Boot Block
Flash Memory Enhancements
The 3 Volt Advanced+ Boot Block flash memory
features:
• Zero-latency, flexible block locking
• 128-bit Protection Register
• Simple system implementation for 12 V
production programming with 2.7 V
in-field
programming
• Ultra-low power operation at 2.7 V
• Minimum 100,000 block erase cycles
• Common Flash Interface for software query of
device specs and features
Table 1. 3 Volt Advanced+ Boot Block Feature Summary
Feature
8 M(2)
16 M
32 M(1)
8 M(2)
16 M
32 M
Reference
VCC Operating Voltage
2.7 V – 3.6 V
Table 8
VPP Voltage
Provides complete write protection with
optional 12V Fast Programming
Table 8
VCCQ I/O Voltage
2.7 V– 3.6 V
Note 3
Bus Width
8-bit
16-bit
Table 2
Speed (ns)
90, 110 @ 2.7 V and 80, 100 @ 3.0 V
Table 11
Blocking (top or bottom)
8 x 8-Kbyte parameter
4-Mb: 7 x 64-Kbyte main
8-Mb: 15 x 64-Kbyte main
16-Mb: 31 x 64-Kbyte main
32-Mb: 63 x 64-Kbyte main
8 x 4-Kword parameter
4-Mb: 7 x 32-Kword main 8-
Mb: 15 x 32-Kword main
16-Mb: 31 x 32-Kword main
32-Mb: 63 x 32-Kword main
Section 2.2
Appendix E and F
Operating Temperature
Extended: –40 °C to +85 °C
Table 8
Program/Erase Cycling
100,000 cycles
Table 8
Packages
40-Lead TSOP(1)
48-Ball
µBGA* CSP(2)
48-Lead TSOP
48-Ball
µBGA* CSP(2)
Figures 1, 2, 3,
and 4
Block Locking
Flexible locking of any block with zero latency
Section 3.3
Protection Register
64-bit unique device number, 64-bit user programmable
Section 3.4
NOTES:
1.
32-Mbit density not available in 40-lead TSOP.
2.
8-Mbit density not available in µBGA* CSP.
3.
VCCQ operation at 1.65 V — 2.5 V available upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com