Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA28F016SV-080 Datasheet(PDF) 61 Page - Intel Corporation

Part # DA28F016SV-080
Description  16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DA28F016SV-080 Datasheet(HTML) 61 Page - Intel Corporation

Back Button DA28F016SV-080 Datasheet HTML 55Page - Intel Corporation DA28F016SV-080 Datasheet HTML 56Page - Intel Corporation DA28F016SV-080 Datasheet HTML 57Page - Intel Corporation DA28F016SV-080 Datasheet HTML 58Page - Intel Corporation DA28F016SV-080 Datasheet HTML 59Page - Intel Corporation DA28F016SV-080 Datasheet HTML 60Page - Intel Corporation DA28F016SV-080 Datasheet HTML 61Page - Intel Corporation DA28F016SV-080 Datasheet HTML 62Page - Intel Corporation DA28F016SV-080 Datasheet HTML 63Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 61 / 63 page
background image
E
28F016SV FlashFile™ MEMORY
61
E
1
Y
C
A1
B
e
D
See Detail A
Detail A
He
A
R2
A2
R1
L1
b
a
0528_20
Figure 20. Mechanical Specifications of the 28F016SV 56-Lead SSOP Type I Package
Family: Shrink Small Out-Line Package
Symbol
Millimeters
Notes
Minimum
Nominal
Maximum
A
1.80
1.90
A1
0.47
0.52
0.57
A2
1.18
1.28
1.38
B
0.25
0.30
0.40
C
0.13
0.15
0.20
D
23.40
23.70
24.00
E
13.10
13.30
13.50
e1
0.80
He
15.70
16.00
16.30
N56
L1
0.45
0.50
0.55
Y
0.10
a
2°
3°
4°
b3°
4°
5°
R1
0.15
0.20
0.25
R2
0.15
0.20
0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com