Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80960CF-30 Datasheet(PDF) 9 Page - Intel Corporation

Part # 80960CF-30
Description  SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-30 Datasheet(HTML) 9 Page - Intel Corporation

Back Button 80960CF-30 Datasheet HTML 5Page - Intel Corporation 80960CF-30 Datasheet HTML 6Page - Intel Corporation 80960CF-30 Datasheet HTML 7Page - Intel Corporation 80960CF-30 Datasheet HTML 8Page - Intel Corporation 80960CF-30 Datasheet HTML 9Page - Intel Corporation 80960CF-30 Datasheet HTML 10Page - Intel Corporation 80960CF-30 Datasheet HTML 11Page - Intel Corporation 80960CF-30 Datasheet HTML 12Page - Intel Corporation 80960CF-30 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
SPECIAL ENVIRONMENT 80960CF-30 -25 -16
Table 2 80960CF Pin DescriptionExternal Bus Signals
Name
Type
Description
A312
O
ADDRESS BUS
carries the physical address upper 30 bits A31 is the most
significant address bit and A2 is the least significant During a bus access A312
S
identify all external addresses to word (4-byte) boundaries The byte enable
H(Z)
signals indicate the selected byte in each word During burst accesses A3 and A2
R(Z)
increment to indicate successive data cycles
D310
I
O
DATA BUS
carries 32- 16- or 8-bit data quantities depending on bus width
configuration The least significant bit of the data is carried on D0 and the most
S(L)
significant on D31 When the bus is configured for 8-bit data the lower 8 data
H(Z)
lines D70 are used For 16-bit bus widths D150 are used For 32-bit bus widths
R(Z)
the full data bus is used
BE3
O
BYTE ENABLES
select which of the four bytes addressed by A312 are active
during an access to a memory region configured for a 32-bit data-bus width BE3
BE2
S
applies to D3124 BE2 applies to D2316 BE1 applies to D158 and BE0 applies
BE1
H(Z)
to D70
BE0
R(1)
32-bit bus
BE3
– Byte Enable 3
– enable D3124
BE2
– Byte Enable 2
– enable D2316
BE1
– Byte Enable 1
– enable D158
BE0
– Byte Enable 0
– enable D70
For accesses to a memory region configured for a 16-bit data-bus width the
processor directly encodes BE3 BE1 and BE0 to provided BHE A1 and BLE
respectively
16-bit bus
BE3
– Byte High Enable (BHE)
– enable D158
BE2
– Not used (is driven high or low)
BE1
– Address Bit 1 (A1)
BE0
– Byte Low Enable (BLE)
– enable D70
For accesses to a memory region configured for an 8-bit data bus width the
processor directly encodes BE1 and BE0 to provide A1 and A0 respectively
8-bit bus
BE3
– Not used (is driven high or low)
BE2
– Not used (is driven high or low)
BE1
– Address Bit 1 (A1)
BE0
– Address Bit 0 (A0)
WR
O
WRITEREAD
is asserted for read requests and deasserted for write requests
The WR signal changes in the same clock cycle as ADS It remains valid for the
S
entire access in non-pipelined regions In pipelined regions WR is not
H(Z)
guaranteed valid in the last cycle of a read access
R(0)
ADS
O
ADDRESS STROBE
indicates valid address and the start of a new bus access
ADS is asserted for the first clock of a bus access
S
H(Z)
R(1)
READY
I
READY
is an input which signals the termination of a data transfer READY is
used to indicate that read data on the bus is valid or that a write-data transfer has
S(L)
completed The READY signal works in conjunction with the internally
H(Z)
programmed wait-state generator If READY is enabled in a region the pin is
R(Z)
sampled after the programmed number of wait-states has expired If the READY
pin is deasserted wait states continue to be inserted until READY becomes
asserted This is true for the NRAD NRDD NWAD and NWDD wait states The
NXDA wait states cannot be extended
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com