Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80960CF-30 Datasheet(PDF) 6 Page - Intel Corporation

Part # 80960CF-30
Description  SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-30 Datasheet(HTML) 6 Page - Intel Corporation

Back Button 80960CF-30 Datasheet HTML 2Page - Intel Corporation 80960CF-30 Datasheet HTML 3Page - Intel Corporation 80960CF-30 Datasheet HTML 4Page - Intel Corporation 80960CF-30 Datasheet HTML 5Page - Intel Corporation 80960CF-30 Datasheet HTML 6Page - Intel Corporation 80960CF-30 Datasheet HTML 7Page - Intel Corporation 80960CF-30 Datasheet HTML 8Page - Intel Corporation 80960CF-30 Datasheet HTML 9Page - Intel Corporation 80960CF-30 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
SPECIAL ENVIRONMENT 80960CF-30 -25 -16
21
The C-Series Core
The C-Series core is a very high performance micro-
architectural implementation of the 80960 Core Ar-
chitecture The C-Series core can sustain execution
of two instructions per clock (66 MIPs at 33 MHz)
To achieve this level of performance Intel has incor-
porated state-of-the-art silicon technology and inno-
vative microarchitectural constructs into the imple-
mentation of the C-Series core Factors that contrib-
ute to the core’s performance include
Parallel instruction decoding allows issue of up
to three instructions per clock
Most instructions execute in a single clock
Parallel instruction decode allows sustained
simultaneous execution of two single-clock in-
structions every clock cycle
Efficient instruction pipeline minimizes pipeline
break losses
Register and resource scoreboarding allow
simultaneous multi-clock instruction execution
Branch look-ahead and prediction allows many
branches to execute with no pipeline break
Local Register Cache integrated on-chip caches
CallReturn context
Two-way set associative 4 Kbyte integrated in-
struction cache
Direct mapped
1 Kbyte data cache
write
through write allocate
1 Kbyte integrated Data RAM sustains a four-
word (128-bit) access every clock cycle
22
Pipelined Burst Bus
A 32-bit high performance bus controller interfaces
the 80960CF to external memory and peripherals
The Bus Control Unit features a maximum transfer
rate of 132 Mbytes per second (at 33 MHz) Internal-
ly programmable wait states and 16 separately con-
figurable memory regions allow the processor to in-
terface with a variety of memory subsystems with a
minimum of system complexity and a maximum of
performance The Bus Controller’s main features in-
clude
Demultiplexed Burst Bus to exploit most efficient
DRAM access modes
Address Pipelining to reduce memory cost while
maintaining performance
32- 16- and 8-bit modes for IO interfacing ease
Full internal wait state generation to reduce sys-
tem cost
Little and Big Endian support to ease application
development
Unaligned access support for code portability
Three-deep request queue to decouple the bus
from the core
23
Flexible DMA Controller
A four channel DMA controller provides high speed
DMA control for data transfers involving peripherals
and memory The DMA provides advanced features
such as data chaining byte assembly and disassem-
bly and a high performance fly-by mode capable of
transfer speed of up to 59 Mbytes per second at
33 MHz The DMA controller features a performance
and flexibility which is only possible by integrating
the DMA controller and the 80960CF core
24
Priority Interrupt Controller
A programmable-priority interrupt controller man-
ages up to 248 external sources through the 8-bit
external interrupt port The Interrupt Unit also han-
dles the four internal sources from the DMA control-
ler and a single non-maskable interrupt input The
8-bit interrupt port can also be configured to provide
individual interrupt sources that are level or edge
triggered
Interrupts in the 80960CF are prioritized and sig-
naled within 270 ns of the request If the interrupt is
of higher priority than the processor priority the con-
text switch to the interrupt routine typically is com-
plete in another 480 ns The interrupt unit provides
the mechanism for the low latency and high through-
put interrupt service which is essential for embedded
applications
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com