Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80960CF-30 Datasheet(PDF) 4 Page - Intel Corporation

Part # 80960CF-30
Description  SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-30 Datasheet(HTML) 4 Page - Intel Corporation

  80960CF-30 Datasheet HTML 1Page - Intel Corporation 80960CF-30 Datasheet HTML 2Page - Intel Corporation 80960CF-30 Datasheet HTML 3Page - Intel Corporation 80960CF-30 Datasheet HTML 4Page - Intel Corporation 80960CF-30 Datasheet HTML 5Page - Intel Corporation 80960CF-30 Datasheet HTML 6Page - Intel Corporation 80960CF-30 Datasheet HTML 7Page - Intel Corporation 80960CF-30 Datasheet HTML 8Page - Intel Corporation 80960CF-30 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
CONTENTS
PAGE
Figure 15
Relative Timings
Waveforms
33
Figure 16
Output Delay or Hold vs Load
Capacitance
33
Figure 17
Rise and Fall Time Derating at
Highest Operating
Temperature and Minimum
VCC
34
Figure 18
ICC vs Frequency and
Temperature
34
Figure 19
Cold Reset Waveform
36
Figure 20
Warm Reset Waveform
37
Figure 21
Entering the ONCE State
38
Figure 22a Clock Synchronization in the
2x Clock Mode
39
Figure 22b Clock Synchronization in the
1x Clock Mode
39
Figure 23
Non-Burst Non-Pipelined
Requests without Wait
States
40
Figure 24
Non-Burst Non-Pipelined
Read Request with Wait
States
41
Figure 25
Non-Burst Non-Pipelined
Write Request with Wait
States
42
Figure 26
Burst Non-Pipelined Read
Request without Wait States
32-Bit Bus
43
Figure 27
Burst Non-Pipelined Read
Request with Wait States
32-Bit Bus
44
Figure 28
Burst Non-Pipelined Write
Request without Wait States
32-Bit Bus
45
Figure 29
Burst Non-Pipelined Write
Request with Wait States
32-Bit Bus
46
Figure 30
Burst Non-Pipelined Read
Request with Wait States
16-Bit Bus
47
CONTENTS
PAGE
Figure 31
Burst Non-Pipelined Read
Request with Wait States
8-Bit Bus
48
Figure 32
Non-Burst Pipelined Read
Request without Wait States
32-Bit Bus
49
Figure 33
Non-Burst Pipelined Read
Request with Wait States
32-Bit Bus
50
Figure 34
Burst Pipelined Read
Request without Wait States
32-Bit Bus
51
Figure 35
Burst Pipelined Read
Requests with Wait States
32-Bit Bus
52
Figure 36
Burst Pipelined Read
Requests with Wait States
16-Bit Bus
53
Figure 37
Burst Pipelined Read
Requests with Wait States
8-Bit Bus
54
Figure 38
Using External READY
55
Figure 39
Terminating a Burst with
BTERM
56
Figure 40
BOFF Functional Timing
57
Figure 41
HOLD Functional Timing
57
Figure 42
DREQ and DACK Functional
Timing
58
Figure 43
EOP Functional Timing
58
Figure 44
Terminal Count Functional
Timing
59
Figure 45
FAIL Functional Timing
59
Figure 46
A Summary of Aligned and
Unaligned Transfers for Little
Endian Regions
60
Figure 47
A Summary of Aligned and
Unaligned Transfers for Little
Endian Regions
(Continued)
61
Figure 48
Idle Bus Operation
62
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com