Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80960CF-40 Datasheet(PDF) 1 Page - Intel Corporation

Part # 80960CF-40
Description  80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-40 Datasheet(HTML) 1 Page - Intel Corporation

  80960CF-40 Datasheet HTML 1Page - Intel Corporation 80960CF-40 Datasheet HTML 2Page - Intel Corporation 80960CF-40 Datasheet HTML 3Page - Intel Corporation 80960CF-40 Datasheet HTML 4Page - Intel Corporation 80960CF-40 Datasheet HTML 5Page - Intel Corporation 80960CF-40 Datasheet HTML 6Page - Intel Corporation 80960CF-40 Datasheet HTML 7Page - Intel Corporation 80960CF-40 Datasheet HTML 8Page - Intel Corporation 80960CF-40 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
© INTEL CORPORATION, 1996
June 1996
Order Number: 272886-001
A
PRELIMINARY
80960CF-40, -33, -25, -16
32-BIT HIGH-PERFORMANCE SUPERSCALAR
EMBEDDED MICROPROCESSOR
• Socket and Object Code Compatible with 80960CA
• Two Instructions/Clock Sustained Execution
• Four 71 Mbytes/s DMA Channels with Data Chaining
• Demultiplexed 32-Bit Burst Bus with Pipelining
s 32-Bit Parallel Architecture
— Two Instructions/clock Execution
— Load/Store Architecture
— Sixteen 32-Bit Global Registers
— Sixteen 32-Bit Local Registers
— Manipulates 64-Bit Bit Fields
— 11 Addressing Modes
— Full Parallel Fault Model
— Supervisor Protection Model
s Fast Procedure Call/Return Model
— Full Procedure Call in 4 Clocks
s On-Chip Register Cache
— Caches Registers on Call/Ret
— Minimum of 6 Frames Provided
— Up to 15 Programmable Frames
s On-Chip Instruction Cache
— 4 Kbyte Two-Way Set Associative
— 128-Bit Path to Instruction Sequencer
— Cache-Lock Modes
— Cache-Off Mode
s High Bandwidth On-Chip Data RAM
— 1 Kbyte On-Chip Data RAM
— Sustains 128 bits per Clock Access
s Selectable Big or Little Endian Byte
Ordering
s Four On-Chip DMA Channels
— 71 Mbytes/s Fly-by Transfers
— 40 Mbytes/s Two-Cycle Transfers
— Data Chaining
— Data Packing/Unpacking
— Programmable Priority Method
s 32-Bit Demultiplexed Burst Bus
— 128-Bit Internal Data Paths to and from
Registers
— Burst Bus for DRAM Interfacing
— Address Pipelining Option
— Fully Programmable Wait States
— Supports 8-, 16- or 32-Bit Bus Widths
— Supports Unaligned Accesses
— Supervisor Protection Pin
s High-Speed Interrupt Controller
— Up to 248 External Interrupts
— 32 Fully Programmable Priorities
— Multi-mode 8-Bit Interrupt Port
— Four Internal DMA Interrupts
— Separate, Non-maskable Interrupt Pin
— Context Switch in 625 ns Typical
s On-Chip Data Cache
— 1 Kbyte Direct-Mapped, Write Through
— 128 bits per Clock Access on Cache Hit


Similar Part No. - 80960CF-40

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960CF-16 INTEL-80960CF-16 Datasheet
1Mb / 62P
SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
80960CF-25 INTEL-80960CF-25 Datasheet
1Mb / 62P
SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
80960CF-30 INTEL-80960CF-30 Datasheet
1Mb / 62P
SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
More results

Similar Description - 80960CF-40

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960CA-25 INTEL-80960CA-25 Datasheet
1Mb / 62P
SPECIAL ENVIRONMENT 80960CA-25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
80960CA-33 INTEL-80960CA-33 Datasheet
977Kb / 68P
80960CA-33, -25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
80960CF-30 INTEL-80960CF-30 Datasheet
1Mb / 62P
SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
80960JA INTEL-80960JA Datasheet
1Mb / 63P
EMBEDDED 32-BIT MICROPROCESSOR
80960JD INTEL-80960JD Datasheet
2Mb / 61P
EMBEDDED 32-BIT MICROPROCESSOR
80960KA INTEL-80960KA Datasheet
861Kb / 43P
EMBEDDED 32-BIT MICROPROCESSOR
A80960JF-33 INTEL-A80960JF-33 Datasheet
1Mb / 78P
EMBEDDED 32-BIT MICROPROCESSOR
logo
STMicroelectronics
STLS2F01 STMICROELECTRONICS-STLS2F01 Datasheet
679Kb / 48P
Loongson 2F: High performance 64-bit superscalar MIPS® microprocessor
30-May-2008
logo
Intel Corporation
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
EMBEDDED 32-BIT MICROPROCESSOR
A80960CF33 INTEL-A80960CF33 Datasheet
1Mb / 70P
80960CF-40, -33, -25 32-Bit High-Performance Superscalar Embedded Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com