Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80960CF-40 Datasheet(PDF) 47 Page - Intel Corporation

Part # 80960CF-40
Description  80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-40 Datasheet(HTML) 47 Page - Intel Corporation

Back Button 80960CF-40 Datasheet HTML 43Page - Intel Corporation 80960CF-40 Datasheet HTML 44Page - Intel Corporation 80960CF-40 Datasheet HTML 45Page - Intel Corporation 80960CF-40 Datasheet HTML 46Page - Intel Corporation 80960CF-40 Datasheet HTML 47Page - Intel Corporation 80960CF-40 Datasheet HTML 48Page - Intel Corporation 80960CF-40 Datasheet HTML 49Page - Intel Corporation 80960CF-40 Datasheet HTML 50Page - Intel Corporation 80960CF-40 Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 77 page
background image
PRELIMINARY
41
A
80960CF-40, -33, -25, -16
4.5.3
DERATING CURVES
Figure 16. Output Delay or Hold vs. Load Capacitance
Figure 17. Rise and Fall Time Derating at Highest Operating Temperature and Minimum VCC
50
100
150
CL (pF)
nom + 10
nom + 5
nom
All outputs except: LOCK,
EOP3:0/
TC3:0, FAIL
F_CX017A
DMA, SUP, BREQ, DACK3:0,
Note: PCLK Load = 50pF
LOCK, DMA, SUP, BREQ,
DACK3:0, EOP3:0/TC3:0, FAIL
50
100
150
CL (pF)
10
8
6
4
2
50
100
150
CL (pF)
10
8
6
4
2
a) All outputs except: LOCK, DMA, SUP, HOLDA, BREQ
DACK3:0, EOP3:0/
TC3:0, FAIL
b) LOCK, DMA, SUP, HOLDA, BREQ, DACK3:0,
EOP3:0/TC3:0, FAIL
0.8 V to 2.0 V
0.8V to 2.0V
F_CX019A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com