Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80960CF-40 Datasheet(PDF) 41 Page - Intel Corporation

Part # 80960CF-40
Description  80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-40 Datasheet(HTML) 41 Page - Intel Corporation

Back Button 80960CF-40 Datasheet HTML 37Page - Intel Corporation 80960CF-40 Datasheet HTML 38Page - Intel Corporation 80960CF-40 Datasheet HTML 39Page - Intel Corporation 80960CF-40 Datasheet HTML 40Page - Intel Corporation 80960CF-40 Datasheet HTML 41Page - Intel Corporation 80960CF-40 Datasheet HTML 42Page - Intel Corporation 80960CF-40 Datasheet HTML 43Page - Intel Corporation 80960CF-40 Datasheet HTML 44Page - Intel Corporation 80960CF-40 Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 77 page
background image
PRELIMINARY
35
A
80960CF-40, -33, -25, -16
Synchronous Inputs (1,9,10)
TIS
Input Setup
TIS1
D31:0
TIS2
BOFF
TIS3
BTERM/READY
TIS4
HOLD
5
21
9
9
ns
ns
ns
ns
TIH
Input Hold
TIH1
D31:0
TIH2
BOFF
TIH3
BTERM/READY
TIH4
HOLD
5
7
2
5
ns
ns
ns
ns
Relative Output Timings (1,2,3,8)
TAVSH1
A31:2 Valid to ADS Rising
T – 4
T + 4
ns
TAVSH2
BE3:0, W/R, SUP, D/C,
DMA, DACK3:0 Valid to ADS Rising
T – 6
T + 6
ns
TAVEL1
A31:2 Valid to DEN Falling
T – 6
T + 6
ns
TAVEL2
BE3:0, W/R, SUP, INST,
DMA, DACK3:0 Valid to DEN Falling
T – 6
T + 6
ns
TNLQV
WAIT Falling to Output Data Valid
± 6
ns
TDVNH
Output Data Valid to WAIT Rising
N*T – 6
N*T + 6
ns
(4)
TNLNH
WAIT Falling to WAIT Rising
N*T ± 4
ns
(4)
TNHQX
Output Data Hold after WAIT Rising
(N+1)*T–8 (N+1)*T+6
ns
(5)
TEHTV
DT/R Hold after DEN High
T/2 – 7
∞
ns
(6)
TTVEL
DT/R Valid to DEN Falling
T/2 – 4
ns
Relative Input Timings (1,2,3)
TIS5
RESET Input Setup (2-x Clock Mode)
10
ns
(13)
TIH5
RESET Input Hold (2-x Clock Mode)
9
ns
(13)
TIS6
DREQ3:0 Input Setup
16
ns
(7)
TIH6
DREQ3:0 Input Hold
11
ns
(7)
TIS7
XINT7:0, NMI Input Setup
9
ns
(15)
Table 18. 80960CF AC Characteristics (16 MHz) (Sheet 2 of 3)
(
80960CF-16 only, per the conditions in 4.2 Operating Conditions and 4.5.1 AC TEST CONDITIONS.)
Symbol
Parameter
Min
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com