Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP80C51FA Datasheet(PDF) 8 Page - Intel Corporation

Part # LP80C51FA
Description  EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LP80C51FA Datasheet(HTML) 8 Page - Intel Corporation

Back Button LP80C51FA Datasheet HTML 4Page - Intel Corporation LP80C51FA Datasheet HTML 5Page - Intel Corporation LP80C51FA Datasheet HTML 6Page - Intel Corporation LP80C51FA Datasheet HTML 7Page - Intel Corporation LP80C51FA Datasheet HTML 8Page - Intel Corporation LP80C51FA Datasheet HTML 9Page - Intel Corporation LP80C51FA Datasheet HTML 10Page - Intel Corporation LP80C51FA Datasheet HTML 11Page - Intel Corporation LP80C51FA Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AUTOMOTIVE 80C51FA83C51FA
DC CHARACTERISTICS (TA eb40 Cto a125 C VCC e 5V g10% VSS e 0V) (Continued)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
ITL
Logical 1 to 0 Transition Current
b
265
b
650
m
AVIN e 2V
(Ports 1 2 and 3)
RRST
RST Pulldown Resistor
40
100
225
KX
CIO
Pin Capacitance
10
pF
1MHz 25 C
ICC
Power Supply Current
(Note 3)
Running at 12 MHz (Figure 5)
40
mA
Idle Mode at 12 MHz (Figure 5)
15
mA
Power Down Mode (IPD)
150
m
A
NOTES
1 Capacitive loading on Ports 0 and 2 may cause noise pulses to be superimposed on the VOLs of ALE and Ports 1 and 3
The noise is due to external bus capacitance discharging into the Port 0 and Port 2 pins when these pins make 1 to 0
transitions during bus operations In applications where capacitance loading exceeds 100 pFs the noise pulse on the ALE
signal may exceed 08V In these cases it may be desirable to qualify ALE with a Schmitt Trigger or use an Address Latch
with a Schmitt Trigger Strobe input
2 Capacitive loading on Ports 0 and 2 cause the VOH on ALE and PSEN to drop below the 09 VCC specification when the
address lines are stabilizing
3 See Figures 6 – 9 for test conditions Minimum VCC for Power Down is 20V
4 Typicals are based on limited number of samples and are not guaranteed The values listed are at room temperature and
50V
5 Under steady state (non-transient) conditions IOL must be externally limited as follows
Maximum IOL per Port Pin
10 mA
Maximum IOL per 8-Bit Port -
Port 0
26 mA
Ports 1 2 and 3
15 mA
Maximum Total IOL for all Output Pins
71 mA
If IOL exceeds the test condition VOL may exceed the related specification Pins are not guaranteed to sink current greater
than the listed test conditions
6 Contact Intel for design-in information
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com