Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP80C51FA Datasheet(PDF) 9 Page - Intel Corporation

Part # LP80C51FA
Description  EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LP80C51FA Datasheet(HTML) 9 Page - Intel Corporation

Back Button LP80C51FA Datasheet HTML 5Page - Intel Corporation LP80C51FA Datasheet HTML 6Page - Intel Corporation LP80C51FA Datasheet HTML 7Page - Intel Corporation LP80C51FA Datasheet HTML 8Page - Intel Corporation LP80C51FA Datasheet HTML 9Page - Intel Corporation LP80C51FA Datasheet HTML 10Page - Intel Corporation LP80C51FA Datasheet HTML 11Page - Intel Corporation LP80C51FA Datasheet HTML 12Page - Intel Corporation LP80C51FA Datasheet HTML 13Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AUTOMOTIVE 80C51FA83C51FA
270501 – 7
ICC Max at other frequencies is given by
Active Mode
ICC Max e (3 c Osc Freq) a 4
Idle Mode
ICC Max e (049 c Osc Freq) a 16
Where Osc Freq is in MHz ICC is in mA
Figure 6 ICC vs Frequency
270501 – 8
TCLCH e TCHCL e 5ns
Figure 7 ICC Test Condition Active Mode
All other pins disconnected
270501 – 9
TCLCH e TCHCL e 5ns
Figure 8 ICC Test Condition Idle Mode
All other pins disconnected
270501 – 10
Figure 9 ICC Test Condition
Power Down Mode
All other pins disconnected
VCC e 20V to 55V
270501 – 11
Figure 10 Clock Signal Waveform for ICC Tests in Active and Idle Modes TCLCH e TCHCL e 5 ns
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com