Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP80C51FA Datasheet(PDF) 7 Page - Intel Corporation

Part # LP80C51FA
Description  EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LP80C51FA Datasheet(HTML) 7 Page - Intel Corporation

Back Button LP80C51FA Datasheet HTML 3Page - Intel Corporation LP80C51FA Datasheet HTML 4Page - Intel Corporation LP80C51FA Datasheet HTML 5Page - Intel Corporation LP80C51FA Datasheet HTML 6Page - Intel Corporation LP80C51FA Datasheet HTML 7Page - Intel Corporation LP80C51FA Datasheet HTML 8Page - Intel Corporation LP80C51FA Datasheet HTML 9Page - Intel Corporation LP80C51FA Datasheet HTML 10Page - Intel Corporation LP80C51FA Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AUTOMOTIVE 80C51FA83C51FA
ABSOLUTE MAXIMUM RATINGS
Ambient Temperature
Under Bias
b
40 Cto a125 C
Storage Temperature
b
65 Cto a150 C
Voltage on Any Other Pin to VSS
b
05V to a65V
IOL IO Pin
15 mA
Power Dissipation15W
(Based on PACKAGE heat transfer limitations not
device power consumption)
Typical Junction Temperature (TJ)
a
135 C
(Based upon Ambient Temperature at a125 C)
Typical Thermal Resistance
Junction-to-Ambient (iJA)
PDIP
45 CW
PLCC
46 CW
NOTICE This is a production data sheet The specifi-
cations are subject to change without notice
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
DC CHARACTERISTICS (TA eb40 Cto a125 C VCC e 5V g10% VSS e 0V)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIL
Input Low Voltage
b
05
02 VCCb01
V
VIL1
Input Low Voltage EA
0
02 VCCb03
V
VIH
Input High Voltage
02 VCCa09
VCCa05
V
(Except XTAL2 RST EA)
VIH1
Input High Voltage
07 VCC
VCCa05
V
(XTAL RST)
VOL
Output Low Voltage
045
V
IOL e 16 mA(1)
(Ports 1 2 and 3)
VOL1
Output Low Voltage
045
V
IOL e 20
(Port 0 ALEPROG PSEN)IOL e 32 mA(1)
IOL e 70 mA
VOH
Output High Voltage
24
V
IOH eb60 mA
(Ports 1 2 and 3
ALEPROG and PSEN)
09 VCC
VIOH eb10 mA(2)
VOH1
Output High Voltage
24
V
IOH eb800 mA
(Port 0 in External Bus Mode)
09 VCC
VIOH eb80 mA(2)
IIL
Logical 0 Input Current
b
10
b
50
m
AVIN e 045V
(Ports 1 2 and 3)
ILI
Input leakage Current
002
g
10
m
AVIN e VIL or VIH
(Port 0)
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com