Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82503 Datasheet(PDF) 22 Page - Intel Corporation

Part # 82503
Description  DUAL SERIAL TRANSCEIVER (DST)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82503 Datasheet(HTML) 22 Page - Intel Corporation

Back Button 82503 Datasheet HTML 18Page - Intel Corporation 82503 Datasheet HTML 19Page - Intel Corporation 82503 Datasheet HTML 20Page - Intel Corporation 82503 Datasheet HTML 21Page - Intel Corporation 82503 Datasheet HTML 22Page - Intel Corporation 82503 Datasheet HTML 23Page - Intel Corporation 82503 Datasheet HTML 24Page - Intel Corporation 82503 Datasheet HTML 25Page - Intel Corporation 82503 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
82503
AC TIMING CHARACTERISTICS
(Continued)
290421 – 12
Figure 13 Voltage Levels for
TDH TDL TDH and TDL
290421 – 13
Figure 14 Voltage Levels for Differential Input
Timing Measurements (RD Pair)
AC MEASUREMENT CONDITIONS
1 TC e 0 Cto a85 C VCC e 5V g5%
2 The AC MOS TTL and differential signals are referred to in Figures 8 9 10 11 12 and 13
3 AC loads
a MOS 20 pF total capacitance to ground
b AUI Differential a 10 pF total capacitance from each terminal to ground and a load resistor of 78X g1%
in parallel with a 27 mH g1% inductor between terminals
c TPE 20 pF total capacitance to ground
4 All parameters become valid 200 ms after the supply voltage and input clock has stabilized or after RESET
deasserts
CLOCK TIMING (15)
Symbol
Parameter
Min
Typ
Max
Units
t1
X1 Cycle Time
49995
50005
ns
t2
X1 Fall Time
5
ns
t3
X1 Rise Time
5
ns
t4
X1 Low Time
15
ns
t5
X1 High Time
15
ns
NOTE
15 Refers to External Clock Input
290421 – 14
Figure 15 X1 Input Voltage Levels for Timing Measurements
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com