Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82503 Datasheet(PDF) 28 Page - Intel Corporation

Part # 82503
Description  DUAL SERIAL TRANSCEIVER (DST)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82503 Datasheet(HTML) 28 Page - Intel Corporation

Back Button 82503 Datasheet HTML 24Page - Intel Corporation 82503 Datasheet HTML 25Page - Intel Corporation 82503 Datasheet HTML 26Page - Intel Corporation 82503 Datasheet HTML 27Page - Intel Corporation 82503 Datasheet HTML 28Page - Intel Corporation 82503 Datasheet HTML 29Page - Intel Corporation 82503 Datasheet HTML 30Page - Intel Corporation 82503 Datasheet HTML 31Page - Intel Corporation 82503 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
82503
RECEIVE TIMINGS(19)
(AMD)
Symbol
Parameter
Min
Typ
Max
Units
t60
RCLK Cycle Time
96
100
ns
t61
RCLK High Time (
08V to 20V)
38
50
ns
t62
RCLK Low Time (
20V to 08V)
38
50
ns
t63
RCLK RiseFall Time (
08V to 20V)
25
5
ns
t64
RX RiseFall Time (
08V to 20V)
25
5
ns
t65
RX Hold time from RCLK
u
10
ns
t66
RX Setup Time to RCLK
u
45
ns
t67
RENA Deassertion Hold Time from RCLK
u
40
50
80
ns
t68
RCLK Delay from RENA
u
450
ns
NOTE
19 Delay times for RX RENA and RCLK are measured from 08V for falling edges and 20V for rising edges
290421 – 20
Figure 21 Receive Timings (AMDStart of Frame)
290421 – 21
Figure 22 Receive Timings (AMDEnd of Frame)
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com