Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82503 Datasheet(PDF) 44 Page - Intel Corporation

Part # 82503
Description  DUAL SERIAL TRANSCEIVER (DST)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82503 Datasheet(HTML) 44 Page - Intel Corporation

Back Button 82503 Datasheet HTML 37Page - Intel Corporation 82503 Datasheet HTML 38Page - Intel Corporation 82503 Datasheet HTML 39Page - Intel Corporation 82503 Datasheet HTML 40Page - Intel Corporation 82503 Datasheet HTML 41Page - Intel Corporation 82503 Datasheet HTML 42Page - Intel Corporation 82503 Datasheet HTML 43Page - Intel Corporation 82503 Datasheet HTML 44Page - Intel Corporation 82503 Datasheet HTML 45Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
82503
290421 – 51
Figure 51 Detail L Terminal Details
NOTES
The above diagrams use a 20-lead PLCC package to show symbols for package dimensions The table below indicates
dimensions in mm that are specific to the 44-lead PLCC package
1 All dimensions and tolerances conform to ANSI Y145M-1982
2 Datum plane
H
located at top of mold parting line and coincident with top of lead where lead exits plastic body
3 Datums D–E and F–G to be determined where center leads exit plastic body at datum plane
H
4 To be determined at seating plane
C
5 Dimensions D1 and E1 do not include mold protrusion
6 Pin 1 identifier is located within one of the two defined zones
7 Locations to datum
A
and
B
to be determined at plane
H
8 These two dimensions determine maximum angle of the lead for certain socket applications If unit is intended to be
socketed it is advisable to review these dimensions with the socket supplier
9 Controlling dimension inch
10 All dimensions and tolerances include lead trim offset and lead plating finish
11 Tweezing surface planarity is defined as the furthest any lead on a side may be from the datum The datum is estab-
lished by touching the outermost lead on that side and parallel to D–E or F–G
Symbol
Description
Min
Max
A
Overall Height
419
457
A1
Distance from Lead Shoulder to Seating Plane
229
305
D
Overall Package Dimension
174
177
D1
Plastic Body Dimension
165
167
D2
Foot Print
150
160
E
Overall Package Dimension
174
177
E1
Plastic Body Dimension
165
167
E2
Foot Print
150
160
CP
Seating Plans Coplanarity
000
010
TCP
Tweezing Coplanarity
000
010
LT
Lead Thickness
023
038
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com