Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82802AC Datasheet(PDF) 25 Page - Intel Corporation

Part # 82802AC
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AC Datasheet(HTML) 25 Page - Intel Corporation

Back Button 82802AC Datasheet HTML 21Page - Intel Corporation 82802AC Datasheet HTML 22Page - Intel Corporation 82802AC Datasheet HTML 23Page - Intel Corporation 82802AC Datasheet HTML 24Page - Intel Corporation 82802AC Datasheet HTML 25Page - Intel Corporation 82802AC Datasheet HTML 26Page - Intel Corporation 82802AC Datasheet HTML 27Page - Intel Corporation 82802AC Datasheet HTML 28Page - Intel Corporation 82802AC Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
Datasheet
25
4.9.1.
T_BLOCK_LK and T_MINUSxx_LK — Block-Locking Registers
Memory Address:
FFBx0002h (x = F-0h)
Default Value:
01h
Access:
R/W
Size:
8 bits (each)
Bit
Function
7:3
Reserved
2
Read-Lock
1 = Prevents read operations in the block where set.
0 = Normal operation for reads in the block where clear. This is the default state.
1
Lock-Down
1 = Prevents further set or clear operations to the Write Lock and Read Lock bits. Lock-Down only can
be set, but not cleared. The block will remain locked-down until reset (with RST# or INIT#), or until
the device is power-cycled.
0 = Normal operation for Write Lock and Read Lock bit altering in the block where clear. This is the
default state.
0
Write-Lock
1 = Prevents program or erase operations in the block where set. This is the default state.
0 = Normal operation for programming and erase in the block where clear.
Table 6.
Register-Based Locking Value Definitions
Data
Reserved
Data 7:3
Read Lock,
Data 2
Lock-Down,
Data 1
Write Lock,
Data 0
Resulting block state (1).
00h
00000
0
0
0
Full access
01h
00000
0
0
1
Write locked. Default state at power-
up
02h
00000
0
1
0
Locked open (full access locked down).
03h
00000
0
1
1
Write-locked down.
04h
00000
1
0
0
Read locked.
05h
00000
1
0
1
Read and write locked.
06h
00000
1
1
0
Read-locked down.
07h
00000
1
1
1
Read- and write-locked down.
Note: The write-lock bit must be set to the desired protection state prior to starting a program or erase
operation, since it is sampled at the beginning of the operation. Changing the state of the write-lock bit
during a program or erase operation may cause unpredictable results. If the state of the write-lock bit
changes during a program suspend or erase suspend state, changes in the block’s locking status do not
occur immediately. The suspended operation may be resumed successfully. The new lock status will take
place after the program or erase operation completes. The individual bit functions are described in the
following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com