Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82802AC Datasheet(PDF) 27 Page - Intel Corporation

Part # 82802AC
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AC Datasheet(HTML) 27 Page - Intel Corporation

Back Button 82802AC Datasheet HTML 23Page - Intel Corporation 82802AC Datasheet HTML 24Page - Intel Corporation 82802AC Datasheet HTML 25Page - Intel Corporation 82802AC Datasheet HTML 26Page - Intel Corporation 82802AC Datasheet HTML 27Page - Intel Corporation 82802AC Datasheet HTML 28Page - Intel Corporation 82802AC Datasheet HTML 29Page - Intel Corporation 82802AC Datasheet HTML 30Page - Intel Corporation 82802AC Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
Datasheet
27
4.9.3.
Random Number Generator Registers
When enabled and active, the Random Number Generator (RNG) is designed to fill an 8-bit register, a
bit at a time, with hardware-generated random numbers. When this register is full, a flag bit in the RNG
data status register transitions to a 1, indicating that a valid random number is ready to be read. This bit
will immediately reset to 0 upon reading the RNG data register.
The advantages of random numbers over pseudo-random numbers as well as a brief overview of the
simple mathematics of testing RNGs are discussed superficially in the companion document, The Intel®
Platform RNG Tech Brief, which is available online.
4.9.3.1.
RNG Hardware Status Register
Memory Address:
FFBC015Fh
Default Value:
40h, for typical component out of reset
Access:
RO
Size:
8 bits
Bit
Function
7
Reserved
6
RNG Present—RO. Determines whether or not an RNG is present on this component, or if it has been
disabled.
1 = RNG Present
0 = RNG not present
5:1
Reserved
0
RNG Enabled—R/W. Determines whether the RNG is generating a random number.
1 = RNG enabled
0 = RNG disabled
4.9.3.2.
RNG Data Status Register
Memory Address:
FFBC0160h
Default Value:
00h
Access:
RO
Size:
8 bits
Bit
Function
7:1
Reserved
0
RNG Output Valid. Determines whether the RNG data register contains a valid random number.
1 = RNG data register contians valid random data
0 = RNG data register contents not valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com