Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82802AC Datasheet(PDF) 7 Page - Intel Corporation

Part # 82802AC
Description  Firmware Hub (FWH)
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82802AC Datasheet(HTML) 7 Page - Intel Corporation

Back Button 82802AC Datasheet HTML 3Page - Intel Corporation 82802AC Datasheet HTML 4Page - Intel Corporation 82802AC Datasheet HTML 5Page - Intel Corporation 82802AC Datasheet HTML 6Page - Intel Corporation 82802AC Datasheet HTML 7Page - Intel Corporation 82802AC Datasheet HTML 8Page - Intel Corporation 82802AC Datasheet HTML 9Page - Intel Corporation 82802AC Datasheet HTML 10Page - Intel Corporation 82802AC Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
Intel
® 82802AB/AC Firmware Hub
R
Datasheet
7
Intel® 82802AB/AC Firmware Hub
(FWH)
Product Features
§ Intel platform compatability
 Enables security-enhanced platform
infrastructure; facilitates option to remove ISA.
§ Firmware hub hardware interface mode
 5-Signal communication interface supporting
byte-at-a-time reads and writes
 Register-based read and write protection for
each code/data storage block
 Hardware write protect pins for the top boot
block and the remaining code/data storage
blocks
 5 Additional GPIs for platform design
flexibility
 Contains a hardware Random Number
Generator (RNG) for enhancing platform
security
 Integrated Command User Interface (CUI) for
requesting access to locking, programming, and
erasing options. The CUI also handles requests
for data residing in status, ID, and block-lock
registers.
 Operates with 33-MHz PCI clock and
3.3 V I/O.
§ Industry-standard packages
(40L TSOP or 32L PLCC)
§ Two configurable interfaces
 Firmware hub interface for platform
operation
 Address/Address-Multiplexed (A/A Mux)
interface for programming during
manufacturing
§ 4 or 8 Mbits of flash memory for platform
code/data nonvolatile storage
 Symmetrically blocked, 64-KB memory
sections
 Available in 8-Mbit (Intel
® 82802AC) and 4-
Mbit (Intel® 82802AB) densities
 Automated byte program and block erase via
an integrated Write State Machine (WSM)
§ Address/Address-Multiplexed (A/A Mux)
interface/mode
 11-Pin multiplexed address and 8-pin data
I/O interface
 Supports fast on-board or out-of-system
programming for manufacturing
§ Case temprature operating range
§ Power supply specifications
 Vcc: 3.3 V ± 0.3 V
 Vpp: 3.3 V and 12 V for fast programming,
(80 hours maximum)
The Intel® 82802 (FWH) firmware hub may contain design defects or errors known as errata that may cause the products to
deviate from published specifications. Current characterized errata are available upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com