Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS87196CB Datasheet(PDF) 8 Page - Intel Corporation

Part # AS87196CB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AS87196CB Datasheet(HTML) 8 Page - Intel Corporation

Back Button AS87196CB Datasheet HTML 4Page - Intel Corporation AS87196CB Datasheet HTML 5Page - Intel Corporation AS87196CB Datasheet HTML 6Page - Intel Corporation AS87196CB Datasheet HTML 7Page - Intel Corporation AS87196CB Datasheet HTML 8Page - Intel Corporation AS87196CB Datasheet HTML 9Page - Intel Corporation AS87196CB Datasheet HTML 10Page - Intel Corporation AS87196CB Datasheet HTML 11Page - Intel Corporation AS87196CB Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
87C196CA87C196CB
Symbol
Name and Function
P57BUSWIDTH
Input for bus width selection If CCR bit 1 is a one and CCR1 bit 2 is a one this pin
dynamically controls the Buswidth of the bus cycle in progress If BUSWIDTH is low
(CB only)
an 8-bit cycle occurs if BUSWIDTH is high a 16-bit cycle occurs If CCR bit 1 is ‘‘0’’
and CCR1 bit 2 is ‘‘1’’ all bus cycles are 8-bit if CCR bit 1 is ‘‘1’’ and CCR1 bit 2 is
‘‘0’’ all bus cycles are 16-bit CCR bit 1 e ‘‘0’’ and CCR1 bit 2 e ‘‘0’’ is illegal Also
an LSIO pin when not used as BUSWIDTH
P56READY
Ready input to lengthen external memory cycles for interfacing with slow or dynamic
memory or for bus sharing If the pin is high CPU operation continues in a normal
manner If the pin is low prior to the falling edge of CLKOUT the memory controller
goes into a wait state mode until the next opositive transition in CLKOUT occurs with
READY high When external memory is not used READY has no effect The max
number of wait states inserted into the bus cycle is controlled by the CCRCCR1
Also an LSIO if READY is not selected
P55BHE
WRH
Byte High Enable or Write High output as selected by the CCR BHE
e
0 selects
the bank of memory that is connected to the high byte of the data bus A0 e 0
selects the bank of memory that is connected to the low byte Thus accesses to a
16-bit wide memory can be to the low byte only (A0 e 0 BHE
e
1) to the high
byte only (A0 e 1 BHE
e
0) or both bytes (A0 e 0 BHE
e
0) If the WRH
function is selected the pin will go low if the bus cycle is writing to an odd memory
location BHE
WRH
is only valid during 16-bit external Also an LSIO pin when
not BHEWRH
P54SLPINT
Dual function IO pin As a bidirectional port pin or as a system function The system
function is a Slave Port Interrupt Output Pin (on CA bidirectional port pin only)
P53RD
Read signal output to external memory RD
is active only during external memory
reads or LSIO when not used as RD
P52WR
WRL
Write and Write Low output to external memory as selected by the CCR WR
will
go low for every external write while WRL
will go low only for external writes where
an even byte is being written WR
WRL
is active during external memory writes
Also an LSIO pin when not used as WR
WRL
P51INST
Output high during an external memory read indicates the read is an instruction
fetch INST is valid throughout the bus cycle INST is active only during external
(CB only)
memory fetches during internal EPROM fetches INST is held low Also LSIO when
not INST
P50ALEADV
Address Latch Enable or Address Valid Output as selected by CCR Both pin
options provide a latch to demultiplex the address from the addressdata bus When
the pin is ADV
it goes inactive (high) at the end of the bus cycle ADV
can be
used as a chip select for external memory ALEADV
is active only during external
memory accesses Also LSIO when not used as ALE
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com