Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS87196CB Datasheet(PDF) 12 Page - Intel Corporation

Part # AS87196CB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AS87196CB Datasheet(HTML) 12 Page - Intel Corporation

Back Button AS87196CB Datasheet HTML 8Page - Intel Corporation AS87196CB Datasheet HTML 9Page - Intel Corporation AS87196CB Datasheet HTML 10Page - Intel Corporation AS87196CB Datasheet HTML 11Page - Intel Corporation AS87196CB Datasheet HTML 12Page - Intel Corporation AS87196CB Datasheet HTML 13Page - Intel Corporation AS87196CB Datasheet HTML 14Page - Intel Corporation AS87196CB Datasheet HTML 15Page - Intel Corporation AS87196CB Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
87C196CA87C196CB
CCB
(2018h Byte)
0PD
e
‘‘1’’ Enables Powerdown
1
BW0
e
See Table
2WR
e
‘‘1’’ e WR
BHE‘‘0’’ e WRL
WRH
3
ALE
e
‘‘1’’ e ALE‘‘0’’ e ADV
4
IRC0
e
See Table
5
IRC1
e
See Table
6
LOC0
e
See Table
7
LOC1
e
See Table
CCB1
(201Ah Byte)
0
CCR2
e
‘‘1’’ fetch CCB2 (‘‘0’’ for CA)
1
IRC2
e
See Table
2
BW1
e
See Table
3
WDE
e
‘‘0’’ e Always Enabled
41
e
Reserved Must Be ‘‘1’’
50
e
Reserved Must Be ‘‘0’’
6
MEMSEL0
e
See Table (‘‘1’’ for CA)
7
MEMSEL1
e
See Table (‘‘1’’ for CA)
CCB2
(201Ch Byte) (CB Only)
00
e
Reserved Must be ‘‘0’’
1
MODE16
e
Select 16-Bit or 24-Bit Mode
2
REMAP
e
‘‘0’’Select EPROMCODERAM in Segment 0FFH only
( ‘‘1’’SelectBothSegment0FFHandSegment00H
31
e
Reserved Must be ‘‘1’’
41
e
Reserved Must be ‘‘1’’
51
e
Reserved Must be ‘‘1’’
61
e
Reserved Must be ‘‘1’’
71
e
Reserved Must be ‘‘1’’
LOC1
LOC0
Function
0
0
Read and Write Protected
0
1
Write Protected Only
1
0
Read Protected Only
1
1
No Protection
MSEL1 MSEL0
‘‘CB’’ Bus Timing Mode
0
0
Mode 0 (1-Wait KR)
0
1
Reserved Must Not Be Used
1
0
Reserved Must Not Be Used
1
1
Mode 3 (KR)
Mode 0
Designed to be similar to the 87C196KR bus
(1-Wait KR)
timing with 1 automatic wait state
See AC Timings section for actual timings data
Mode 3 (KR)
Designed to be similar to the 87C196KR bus
timing
See AC Timings section for actual timings data
IRC2
IRC1
IRC0
Max Wait States
0
0
0
Zero Wait States
1
0
0
1 Wait State
1
0
1
2 Wait States
1
1
0
3 Wait States
1
1
1
INFINITE
BW1
BW0
Bus Width
0
0
ILLEGAL
0
1
16-Bit Only
1
0
8-Bit Only
1
1
BW Pin Controlled
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com