Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS87196CB Datasheet(PDF) 23 Page - Intel Corporation

Part # AS87196CB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AS87196CB Datasheet(HTML) 23 Page - Intel Corporation

Back Button AS87196CB Datasheet HTML 19Page - Intel Corporation AS87196CB Datasheet HTML 20Page - Intel Corporation AS87196CB Datasheet HTML 21Page - Intel Corporation AS87196CB Datasheet HTML 22Page - Intel Corporation AS87196CB Datasheet HTML 23Page - Intel Corporation AS87196CB Datasheet HTML 24Page - Intel Corporation AS87196CB Datasheet HTML 25Page - Intel Corporation AS87196CB Datasheet HTML 26Page - Intel Corporation AS87196CB Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
87C196CA87C196CB
t e 1 state time (125 ns
16 MHz)
NORMAL MASTERSLAVE OPERATION
Symbol
Parameter
Min
Max
Units
TCHCH
Clock Period
4t
ns
TCLCH
Clock Low TimeClock High Time
2t b10
ns(1)
TCLDV
Clock Falling to Data Out Valid (Master)
05t
15t a 20
ns
TCLDV1
Clock Falling to Data Out Valid (Slave)
05t
15t a 50
ns
TDVCH
Data In Setup to Clock Rising Edge
10
ns
TCHDX
Clock Rising Edge to Data in Invalid
t a 15
ns
Timings are guaranteed by design
HANDSHAKE OPERATION
Symbol
Parameter
Min
Max
Units
TCHCH
Clock Period
4t
ns
TCLCH
Clock Low TimeClock High Time
2t b10
ns(1)
TCLDV
Clock Falling to Data Out Valid (Master)
05t
15t a 20
ns
TCLDV1
Clock Falling to Data Out Valid (Slave)
05t
15t a 50
ns
TDVCH
Data In Setup to Clock Rising Edge
10
ns
TCLDX
Clock Rising Edge to Data in Invalid
t a 15
ns
Timings are guaranteed by design
NOTE
1 This specification refers to input clocks during slave operation During master operation the device will output a nominal
50% duty cycle clock
272405 – 34
NOTE
The top SCx signal assumes that the SSIO is configured to sample on the leading edge with an active-high clock signal
The SCx signal will be different for other configurations however setup and hold timings will still be the same in relation
to the latching edge of SCx
Figure 6 Synchronous Serial Port
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com