Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87C196LB Datasheet(PDF) 3 Page - Intel Corporation

Part # 87C196LB
Description  CHMOS 16-BIT MICROCONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196LB Datasheet(HTML) 3 Page - Intel Corporation

  87C196LB Datasheet HTML 1Page - Intel Corporation 87C196LB Datasheet HTML 2Page - Intel Corporation 87C196LB Datasheet HTML 3Page - Intel Corporation 87C196LB Datasheet HTML 4Page - Intel Corporation 87C196LB Datasheet HTML 5Page - Intel Corporation 87C196LB Datasheet HTML 6Page - Intel Corporation 87C196LB Datasheet HTML 7Page - Intel Corporation 87C196LB Datasheet HTML 8Page - Intel Corporation 87C196LB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
AUTOMOTIVE
®
PRODUCT PREVIEW
1.0
NOMENCLATURE OVERVIEW
Figure 2. Product Nomenclature
Table 1. Description of Product Nomenclature
Parameter
Options
Description
Temperature and Burn-in Options
A
Automotive operating temperature range (–40° C to
125° C ambient) with Intel standard burn-in.
Packaging Options
N
PLCC
Program-memory Options
7
OTPROM
Process Information
C
CHMOS
Product Family
196L
x
8XC196L
x family of products
Device Speed
no mark
20
16 MHz
20 MHz
XXXXX
XX
X
X
8
XX
X
A2815-02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com