Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87C196LB Datasheet(PDF) 6 Page - Intel Corporation

Part # 87C196LB
Description  CHMOS 16-BIT MICROCONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196LB Datasheet(HTML) 6 Page - Intel Corporation

Back Button 87C196LB Datasheet HTML 2Page - Intel Corporation 87C196LB Datasheet HTML 3Page - Intel Corporation 87C196LB Datasheet HTML 4Page - Intel Corporation 87C196LB Datasheet HTML 5Page - Intel Corporation 87C196LB Datasheet HTML 6Page - Intel Corporation 87C196LB Datasheet HTML 7Page - Intel Corporation 87C196LB Datasheet HTML 8Page - Intel Corporation 87C196LB Datasheet HTML 9Page - Intel Corporation 87C196LB Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
PRODUCT PREVIEW
6
AUTOMOTIVE
®
Table 3. Pin Assignment Arranged by Functional Categories
Addr & Data
Input/Output (Cont’d)
Program Control
Processor Control
Name
Pin
Name
Pin
Name
Pin
Name
Pin
AD0
22
P2.1 / RXD
28
AINC#
30
EA#
24
AD1
21
P2.2
29
CPVER
31
EXTINT
29
AD2
20
P2.4 / RXJ1850
30
PACT#
32
PLLEN
6
AD3
19
P2.6 / TXJ1850
31
PALE#
28
RESET#
23
AD4
18
P2.7
32
PBUS.0
22
XTAL1
52
AD5
17
P3.0
22
PBUS.1
21
XTAL2
51
AD6
16
P3.1
21
PBUS.2
20
AD7
15
P3.2
20
PBUS.3
19
Bus Cont & Status
AD8
14
P3.3
19
PBUS.4
18
Name
Pin
AD9
13
P3.4
18
PBUS.5
17
ADV# / ALE
2
AD10
12
P3.5
17
PBUS.6
16
CLKOUT
32
AD11
11
P3.6
16
PBUS.7
15
RD#
5
AD12
10
P3.7
15
PBUS.8
14
WR# / WRL#
6
AD13
9
P4.0
14
PBUS.9
13
AD14
8
P4.1
13
PBUS.10
12
Power & Ground
AD15
7
P4.2
12
PBUS.11
11
Name
Pin
P4.3
11
PBUS.12
10
ANGND
39
Input/Output
P4.4
10
PBUS.13
9
V
CC
26
Name
Pin
P4.5
9
PBUS.14
8
VPP
4
P0.2 / ACH2
33
P4.6
8
PBUS.15
7
V
REF
40
P0.3 / ACH3
34
P4.7
7
PMODE.0
35
V
SS (core)
3
P0.4 / ACH4
35
P5.0
2
PMODE.1
36
V
SS
1 (port)
1, 25
P0.5 / ACH5
36
P5.2
6
PMODE.2
37
P0.6 / ACH6
37
P5.3
5
PMODE.3
38
P0.7 / ACH7
38
P6.0 / EPA8 / COMP0
45
PROG#
29
P1.0 / EPA0 / T2CLK
44
P6.1 / EPA9 / COMP1
46
PVER
27
P1.1 / EPA1
43
P6.4 / SC0
47
P1.2 / EPA2 / T2DIR
42
P6.5 / SD0
48
P1.3 / EPA3
41
P6.6 / SC1
49
P2.0 / TXD
27
P6.7 / SD1
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com