Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87C196LB Datasheet(PDF) 5 Page - Intel Corporation

Part # 87C196LB
Description  CHMOS 16-BIT MICROCONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196LB Datasheet(HTML) 5 Page - Intel Corporation

  87C196LB Datasheet HTML 1Page - Intel Corporation 87C196LB Datasheet HTML 2Page - Intel Corporation 87C196LB Datasheet HTML 3Page - Intel Corporation 87C196LB Datasheet HTML 4Page - Intel Corporation 87C196LB Datasheet HTML 5Page - Intel Corporation 87C196LB Datasheet HTML 6Page - Intel Corporation 87C196LB Datasheet HTML 7Page - Intel Corporation 87C196LB Datasheet HTML 8Page - Intel Corporation 87C196LB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
AUTOMOTIVE
®
PRODUCT PREVIEW
Table 2. 87C196LB 52-pin Package Pin Assignments
Pin
Name
Pin
Name
Pin
Name
1V
SS
1 (port)
19
AD3 / P3.3 / PBUS.3
37
P0.6 / ACH6 / PMODE.2
2
P5.0 / ADV# / ALE
20
AD2 / P3.2 / PBUS.2
38
P0.7 / ACH7 / PMODE.3
3V
SS (core)
21
AD1 / P3.1 / PBUS.1
39
ANGND
4V
PP
22
AD0 / P3.0 / PBUS.0
40
V
REF
5
P5.3 / RD#
23
RESET#
41
P1.3 / EPA3
6
P5.2 / PLLEN / WR# / WRL#
24
EA#
42
P1.2 / EPA2 / T2DIR
7
AD15 / P4.7 / PBUS.15
25
V
SS
1 (port)
43
P1.1 / EPA1
8
AD14 / P4.6 / PBUS.14
26
V
CC
44
P1.0 / EPA0 / T2CLK
9
AD13 / P4.5 / PBUS.13
27
P2.0 / TXD / PVER
45
P6.0 / EPA8 / COMP0
10
AD12 / P4.4 / PBUS.12
28
P2.1 / RXD / PALE#
46
P6.1 / EPA9 / COMP1
11
AD11 / P4.3 / PBUS.11
29
P2.2 / EXTINT / PROG#
47
P6.4 / SC0
12
AD10 / P4.2 / PBUS.10
30
P2.4 / RXJ1850 / AINC#
48
P6.5 / SD0
13
AD9 / P4.1 / PBUS.9
31
P2.6 / TXJ1850 / CPVER
49
P6.6 / SC1
14
AD8 / P4.0 / PBUS.8
32
P2.7 / CLKOUT / PACT#
50
P6.7 / SD1
15
AD7 / P3.7 / PBUS.7
33
P0.2 / ACH2
51
XTAL2
16
AD6 / P3.6 / PBUS.6
34
P0.3 / ACH3
52
XTAL1
17
AD5 / P3.5 / PBUS.5
35
P0.4 / ACH4 / PMODE.0
18
AD4 / P3.4 / PBUS.4
36
P0.5 / ACH5 / PMODE.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com