Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8X930AX Datasheet(PDF) 11 Page - Intel Corporation

Part # 8X930AX
Description  UNIVERSAL SERIAL BUS MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8X930AX Datasheet(HTML) 11 Page - Intel Corporation

Back Button 8X930AX Datasheet HTML 7Page - Intel Corporation 8X930AX Datasheet HTML 8Page - Intel Corporation 8X930AX Datasheet HTML 9Page - Intel Corporation 8X930AX Datasheet HTML 10Page - Intel Corporation 8X930AX Datasheet HTML 11Page - Intel Corporation 8X930AX Datasheet HTML 12Page - Intel Corporation 8X930AX Datasheet HTML 13Page - Intel Corporation 8X930AX Datasheet HTML 14Page - Intel Corporation 8X930AX Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
ADVANCE INFORMATION
7
8x930Ax UNIVERSAL SERIAL BUS (USB) MICROCONTROLLER
3.0
SIGNALS
Table 5. Signal Descriptions
Signal
Name
Type
Description
Alternate Function
A17
O
18th Address Bit (A17). Output to memory as 18th exter-
nal address bit (A17) in extended bus applications, depend-
ing on the values of bits RD0 and RD1 in configuration byte
UCONFIG0. See also RD#, PSEN#.
P1.7/CEX4/WCLK
A16
O
Address Line 16. See RD#.
RD#
A15:8†
O
Address Lines. Upper address lines for the external bus.
P2.7:0
AD7:0†
I/O
Address/Data Lines. Multiplexed lower address lines and
data lines for external memory.
P0.7:0
ALE
O
Address Latch Enable (ALE). ALE signals the start of an
external bus cycle and indicates that valid address informa-
tion is available on lines A15:8 and AD7:0. An external latch
can use ALE to demultiplex the address from the
address/data bus.
PROG#
AV
CC
PWR
Analog V
CC. A separate VCC input for the phase-locked loop
circuitry.
CEX2:0
CEX3
CEX4
I/O
Programmable Counter Array (PCA) Input/Output Pins.
These are input signals for the PCA capture mode and out-
put signals for the PCA compare mode and PCA PWM
mode.
P1.5:3
P1.6/WAIT#
P1.7/A17/WCLK
D
M
0
I/O
Data Minus. USB minus data line interface.
—
D
P
0
I/O
Data Plus. USB plus data line interface.
—
EA#
I
External Access. Directs program memory accesses to
on-chip or off-chip code memory. For EA# strapped to
ground, all program memory accesses are off-chip. For EA#
strapped to V
CC, program accesses on-chip ROM if the
address is within the range of the on-chip ROM; otherwise,
the access is off-chip. The value of EA# is latched at reset.
For devices without on-chip ROM, EA# must be strapped to
ground.
ECAP
I
External Capacitor. Must be connected to a 1 µF capacitor
(or larger) to ensure proper operation of the differential line
driver. The other lead of the capacitor must be connected to
V
SS.
ECI
I
PCA External Clock Input. External clock input to the 16-
bit PCA timer.
P1.2
INT1:0#
I
External Interrupts 0 and 1. These inputs set bits IE1:0 in
the TCON register. If bits IT1:0 in the TCON register are
set, bits IE1:0 are set by a falling edge on INT1#/INT0#. If
bits INT1:0 are clear, bits IE1:0 are set by a low level on
INT1:0#.
P3.3:2
P0.7:0
I/O
Port 0. This is an 8-bit, open-drain, bidirectional I/O port.
AD7:0
† The descriptions of A15:8/P2.7:0 and AD7:0/P0.7:0 are for the nonpage-mode chip configuration. If the
chip is configured for page-mode operation, port 0 carries the lower address bits (A7:0), and port 2 car-
ries the upper address bits (A15:8) and the data (D7:0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com