Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8X930AX Datasheet(PDF) 24 Page - Intel Corporation

Part # 8X930AX
Description  UNIVERSAL SERIAL BUS MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8X930AX Datasheet(HTML) 24 Page - Intel Corporation

Back Button 8X930AX Datasheet HTML 20Page - Intel Corporation 8X930AX Datasheet HTML 21Page - Intel Corporation 8X930AX Datasheet HTML 22Page - Intel Corporation 8X930AX Datasheet HTML 23Page - Intel Corporation 8X930AX Datasheet HTML 24Page - Intel Corporation 8X930AX Datasheet HTML 25Page - Intel Corporation 8X930AX Datasheet HTML 26Page - Intel Corporation 8X930AX Datasheet HTML 27Page - Intel Corporation 8X930AX Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
20
ADVANCE INFORMATION
8x930Ax UNIVERSAL SERIAL BUS (USB) MICROCONTROLLER
5.4.3
SYSTEM BUS TIMING DIAGRAMS, PAGE MODE
Figure 9. 8
x930Ax Code Fetch, Page Mode
ALE
RD#/PSEN#
P2
A17/A16/P0
A5028-02
State 1
State 2
TLHLL
TLLRL
TRLRH
TRLAZ
TLLAX
TAVLL
TAVDV1
TAVDV2
TLHAX
Instruction 1 In
A15:8
A17/A16/A7:0
TRHDZ1
TRHLH1
TAVRL
TRLDV
TRHDX
Instruction 2 In
TAVDV3
Cycle 2, Page Hit
State 1
Cycle 1, Page Miss
† During a sequence of page hits, PSEN# remains low until the end of the last page hit cycle.
†



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com