Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8X930AX Datasheet(PDF) 12 Page - Intel Corporation

Part # 8X930AX
Description  UNIVERSAL SERIAL BUS MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8X930AX Datasheet(HTML) 12 Page - Intel Corporation

Back Button 8X930AX Datasheet HTML 8Page - Intel Corporation 8X930AX Datasheet HTML 9Page - Intel Corporation 8X930AX Datasheet HTML 10Page - Intel Corporation 8X930AX Datasheet HTML 11Page - Intel Corporation 8X930AX Datasheet HTML 12Page - Intel Corporation 8X930AX Datasheet HTML 13Page - Intel Corporation 8X930AX Datasheet HTML 14Page - Intel Corporation 8X930AX Datasheet HTML 15Page - Intel Corporation 8X930AX Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
8
ADVANCE INFORMATION
8x930Ax UNIVERSAL SERIAL BUS (USB) MICROCONTROLLER
P1.0
P1.1
P1.2
P1.5:3
P1.6
P1.7
I/O
Port 1. This is an 8-bit, bidirectional I/O port with internal
pullups.
T2
T2EX
ECI
CEX2:0
CEX3/WAIT#
CEX4/A17/WCLK
P2.7:0
I/O
Port 2. This is an 8-bit, bidirectional I/O port with internal
pullups.
A15:8
P3.0
P3.1
P3.3:2
P3.5:4
P3.6
P3.7
I/O
Port 3. This is an 8-bit, bidirectional I/O port with internal
pullups.
RXD
TXD
INT1:0#
T1:0
WR#
RD#/A16
PLLSEL2:0
I
Phase-locked Loop Select. Three-bit code selects USB
data rate (see Table 8 on page 12).
—
PSEN#
O
Program Store Enable. Read signal output. This output is
asserted for a memory address range that depends on bits
RD0 and RD1 in configuration byte UCONFIG0 (see RD#).
—
RD#
O
Read or 17th Address Bit (A16). Read signal output to
external data memory or 17th external address bit (A16),
depending on the values of bits RD0 and RD1 in configura-
tion byte UCONFIG0 (See PSEN#).
P3.7/A16
RST
I
Reset. Reset input to the chip. Holding this pin high for 64
oscillator periods while the oscillator is running resets the
device. The port pins are driven to their reset conditions
when a voltage greater than VIH1 is applied, whether or not
the oscillator is running. This pin has an internal pulldown
resistor which allows the device to be reset by connecting a
capacitor between this pin and V
CC.
Asserting RST when the chip is in idle mode or powerdown
mode returns the chip to normal operation.
—
RXD
I/O
Receive Serial Data. RXD sends and receives data in
serial I/O mode 0 and receives data in serial I/O modes 1, 2,
and 3.
P3.0
SOF#
O
Start of Frame. Start of Frame pulse. Active low, asserted
for 8 states (see Table 8 on page 12 for state versus XTAL
clock) when Frame Timer is locked to USB frame timing
and SOF token or artificial SOF is detected.
—
T1:0
I
Timer 1:0 External Clock Inputs. When timer 1:0 operates
as a counter, a falling edge on the T1:0 pin increments the
count.
P3.5:4
T2
I/O
Timer 2 Clock Input/Output. For the timer 2 capture mode,
this signal is the external clock input. For the clock-out
mode, it is the timer 2 clock output.
P1.0
Table 5. Signal Descriptions (Continued)
Signal
Name
Type
Description
Alternate Function
† The descriptions of A15:8/P2.7:0 and AD7:0/P0.7:0 are for the nonpage-mode chip configuration. If the
chip is configured for page-mode operation, port 0 carries the lower address bits (A7:0), and port 2 car-
ries the upper address bits (A15:8) and the data (D7:0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com