Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5380 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5380
Description  40-Channel, 3 V/5 V, Single-Supply, 14-Bit, denseDAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5380 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5380_15 Datasheet HTML 18Page - Analog Devices AD5380_15 Datasheet HTML 19Page - Analog Devices AD5380_15 Datasheet HTML 20Page - Analog Devices AD5380_15 Datasheet HTML 21Page - Analog Devices AD5380_15 Datasheet HTML 22Page - Analog Devices AD5380_15 Datasheet HTML 23Page - Analog Devices AD5380_15 Datasheet HTML 24Page - Analog Devices AD5380_15 Datasheet HTML 25Page - Analog Devices AD5380_15 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
AD5380
Data Sheet
FUNCTIONAL DESCRIPTION
DAC ARCHITECTURE—GENERAL
The AD5380 is a complete, single-supply, 40-channel voltage
output DAC that offers 14-bit resolution. The part is available
in a 100-lead LQFP package and features both a parallel and a
serial interface. This product includes an internal, software
selectable, 1.25 V/2.5 V, 10 ppm/°C reference that can be used
to drive the buffered reference inputs; alternatively, an external
reference can be used to drive these inputs. Internal/external
reference selection is via the CR10 bit in the control register;
CR12 selects the reference magnitude if the internal reference
is rail-to-rail output capable of driving 5 kΩ in parallel with a
200 pF load.
Figure 27. Single-Channel Architecture
The architecture of a single DAC channel consists of a 14-bit
resistor-string DAC followed by an output buffer amplifier
operating at a gain of 2. This resistor-string architecture guaran-
tees DAC monotonicity. The 14-bit binary digital code loaded
to the DAC register determines at what node on the string the
voltage is tapped off before being fed to the output amplifier.
Each channel on these devices contains independent offset and
gain control registers that allow the user to digitally trim offset
and gain. These registers give the user the ability to calibrate out
errors in the complete signal chain, including the DAC, using
the internal m and c registers, which hold the correction factors.
All channels are double buffered, allowing synchronous updat-
ing of all channels using the LDAC pin. Figure 27 shows a block
diagram of a single channel on the AD5380. The digital input
transfer function for each DAC can be represented as
x2 = [(m + 2)/ 2n× x1] + (c – 2n– 1)
where:
x2 is the data-word loaded to the resistor string DAC.
x1 is the 14-bit data-word written to the DAC input register.
m is the gain coefficient (default is 0x3FFE on the AD5380).
The gain coefficient is written to the 13 most significant bits
(DB13 to DB1) and the LSB (DB0) is zero.
n = DAC resolution (n = 14 for AD5380).
c is the14-bit offset coefficient (default is 0x2000).
The complete transfer function for these devices can be
represented as
VOUT = 2 × VREF × x2/2n
x2 is the data-word loaded to the resistor string DAC. VREF is
the internal reference voltage or the reference voltage externally
applied to the DAC REFOUT/REFIN pin. For specified
performance, an external reference voltage of 2.5 V is recom-
mended for the AD5380-5, and 1.25 V for the AD5380-3.
DATA DECODING
The AD5380 contains a 14-bit data bus, DB13 to DB0. Depend-
ing on the value of REG1 and REG0 (see Table 1), this data is
loaded into the addressed DAC input registers, offset (c)
registers, or gain (m) registers. The format data, offset (c), and
gain (m) register contents are shown in Table 10 to Table 12.
Table 9. Register Selection
REG1
REG0
Register Selected
1
1
Input Data Register (x1)
1
0
Offset Register (c)
0
1
Gain Register (m)
0
0
Special Function Registers (SFRs)
Table 10. DAC Data Format (REG1 = 1, REG0 = 1)
DB13 to DB0
DAC Output (V)
11
1111
1111
1111
2 VREF × (16383/16384)
11
1111
1111
1110
2 VREF × (16382/16384)
10
0000
0000
0001
2 VREF × (8193/16384)
10
0000
0000
0000
2 VREF × (8192/16384)
01
1111
1111
1111
2 VREF × (8191/16384)
00
0000
0000
0001
2 VREF × (1/16384)
00
0000
0000
0000
0
Table 11. Offset Data Format (REG1 = 1, REG0 = 0)
DB13 to DB0
Offset (LSB)
11
1111
1111
1111
+8191
11
1111
1111
1110
+8190
10
0000
0000
0001
+1
10
0000
0000
0000
0
01
1111
1111
1111
–1
00
0000
0000
0001
–8191
00
0000
0000
0000
–8192
Table 12. Gain Data Format (REG1 = 0, REG0 = 1)
DB13 to DB0
Gain Factor
11
1111
1111
1110
1
10
1111
1111
1110
0.75
01
1111
1111
1110
0.5
00
1111
1111
1110
0.25
00
0000
0000
0000
0
VOUT
R
R
14-BIT
DAC
DAC
REG
m REG
c REG
×1 INPUT
REG
×2
INPUT DATA
VREF
AVDD
Rev. D | Page 22 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com