Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5380 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5380
Description  40-Channel, 3 V/5 V, Single-Supply, 14-Bit, denseDAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5380 Datasheet(HTML) 3 Page - Analog Devices

  AD5380_15 Datasheet HTML 1Page - Analog Devices AD5380_15 Datasheet HTML 2Page - Analog Devices AD5380_15 Datasheet HTML 3Page - Analog Devices AD5380_15 Datasheet HTML 4Page - Analog Devices AD5380_15 Datasheet HTML 5Page - Analog Devices AD5380_15 Datasheet HTML 6Page - Analog Devices AD5380_15 Datasheet HTML 7Page - Analog Devices AD5380_15 Datasheet HTML 8Page - Analog Devices AD5380_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Data Sheet
AD5380
REVISION HISTORY
5/14—Rev. C to Rev. D
Deleted ADSP-2103 ...................................................... Throughout
Changed ADSP-2101 to ADSP-BF527....................... Throughout
Deleted Table 1; Renumbered Sequentially ...................................3
Changes to General Description Section.......................................4
Changed Logic Inputs (Except SDA/SCL), Input Current
Parameter, Table 1 from ±10 µA max to ±1 µA max....................5
Changed Logic Inputs (Except SDA/SCL), Input Current
Parameter, Table 2 from ±10 µA max to ±1 µA max....................7
Changes to Table 4 ............................................................................9
Changes to Table 6 ..........................................................................12
Changes to Soft Reset Section .......................................................23
Changes to Reset Function Section ..............................................26
Changes to Figure 38 ......................................................................33
Added Power Supply Sequencing Section, Table 18, Figure 39,
and Figure 40; Renumbered Sequentially ....................................34
Changed ADR280 to ADR3412, Typical Configuration Circuit
Section ..............................................................................................35
Added Figure 41 and Figure 42.....................................................35
9/12—Rev. B to Rev. C
Changes to Product Title..................................................................1
Changes to General Description Section and Table 1..................3
Deleted Table 2; Renumbered Sequentially...................................3
6/12—Rev. A to Rev. B
Changes to Features..........................................................................1
Changes to Table 3 ............................................................................4
Changes to Table 4 ............................................................................6
Changes to Output Voltage Settling Time and Slew Rate
Parameters, Table 5 ...........................................................................7
Changes to t14 and t19 Parameters, Table 6 .....................................8
Changes to Table 9 ..........................................................................13
Changes to Figure 10, Figure 11, and Figure 14 .........................18
Changes to Figure 16, Figure 17, Figure 18, Figure 20...............19
Update Outline Dimensions and Changes to Ordering Guide.......38
6/05—Rev. 0 to Rev. A
Changes to Specifications.................................................................3
Changes to Terminology................................................................17
Changes to Table 18 ........................................................................24
Changes to Figure 43 ......................................................................35
5/04—Revision 0: Initial Version
Rev. D | Page 3 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com