Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS82C84A Datasheet(PDF) 6 Page - Intersil Corporation

Part # CS82C84A
Description  CMOS Clock Generator Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C84A Datasheet(HTML) 6 Page - Intersil Corporation

Back Button CS82C84A Datasheet HTML 2Page - Intersil Corporation CS82C84A Datasheet HTML 3Page - Intersil Corporation CS82C84A Datasheet HTML 4Page - Intersil Corporation CS82C84A Datasheet HTML 5Page - Intersil Corporation CS82C84A Datasheet HTML 6Page - Intersil Corporation CS82C84A Datasheet HTML 7Page - Intersil Corporation CS82C84A Datasheet HTML 8Page - Intersil Corporation CS82C84A Datasheet HTML 9Page - Intersil Corporation CS82C84A Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4-292
AC Electrical Specifications VCC = +5V± 10%,
TA = 0
oC to +70oC (C82C84A),
TA = -40
oC to +85oC (I82C84A),
TA = -55
oC to +125oC (M82C84A)
SYMBOL
PARAMETER
LIMITS
UNITS
(NOTE 1)
TEST
CONDITIONS
MIN
MAX
TIMING REQUIREMENTS
(1)
TEHEL
External Frequency HIGH Time
13
-
ns
90%-90% VIN
(2)
TELEH
External Frequency LOW Time
13
-
ns
10%-10% VIN
(3)
TELEL
EFI Period
36
-
ns
XTAL Frequency
2.4
25
MHz
Note 2
(4)
TR2VCL
RDY1, RDY2 Active Setup to CLK
35
-
ns
ASYNC = HIGH
(5)
TR1VCH
RDY1, RDY2 Active Setup to CLK
35
-
ns
ASYNC = LOW
(6)
TR1VCL
RDY1, RDY2 Inactive Setup to CLK
35
-
ns
(7)
TCLR1X
RDY1, RDY2 Hold to CLK
0
-
ns
(8)
TAYVCL
ASYNC Setup to CLK
50
-
ns
(9)
TCLAYX
ASYNC Hold to CLK
0
-
ns
(10)
TA1VR1V
AEN1, AEN2 Setup to RDY1, RDY2
15
-
ns
(11)
TCLA1X
AEN1, AEN2 Hold to CLK
0
-
ns
(12)
TYHEH
CSYNC Setup to EFI
20
-
ns
(13)
TEHYL
CSYNC Hold to EFI
20
-
ns
(14)
TYHYL
CSYNC Width
2 TELEL
-
ns
(15)
TI1HCL
RES Setup to CLK
65
-
ns
Note 3
(16)
TCLI1H
RES Hold to CLK
20
-
ns
Note 3
TIMING RESPONSES
(17)
TCLCL
CLK Cycle Period
125
-
ns
Note 6
(18)
TCHCL
CLK HIGH Time
(1/3 TCLCL) +2.0
-
ns
Note 6
(19)
TCLCH
CLK LOW Time
(2/3 TCLCL) -15.0
-
ns
Note 6
(20)
(21)
TCH1CH2
TCL2CL1
CLK Rise or Fall Time
-
10
ns
1.0V to 3.0V
(22)
TPHPL
PCLK HIGH Time
TCLCL-20
-
ns
Note 6
(23)
TPLPH
PCLK LOW Time
TCLCL-20
-
ns
Note 6
(24)
TRYLCL
Ready Inactive to CLK (See Note 4)
-8
-
ns
Note 4
(25)
TRYHCH
Ready Active to CLK (See Note 3)
(2/3 TCLCL) -15.0
-
ns
Note 5
(26)
TCLIL
CLK to Reset Delay
-
40
ns
(27)
TCLPH
CLK to PCLK HIGH Delay
-
22
ns
(28)
TCLPL
CLK to PCLK LOW Delay
-
22
ns
(29)
TOLCH
OSC to CLK HIGH Delay
-5
22
ns
(30)
TOLCL
OSC to CLK LOW Delay
2
35
ns
NOTES:
1. Tested as follows: f = 2.4MHz, VIH = 2.6V, VIL = 0.4V, CL = 50pF, VOH ≥ 1.5V, VOL ≤ 1.5V, unless otherwise specified. RES and F/C must
switch between 0.4V and VCC -0.4V. Input rise and fall times driven at 1ns/V. VIL ≤ VIL (max) - 0.4V for CSYNC pin. VCC = 4.5V and 5.5V.
2. Tested using EFI or X1 input pin.
3. Setup and hold necessary only to guarantee recognition at next clock.
4. Applies only to T2 states.
5. Applies only to T3 TW states.
6. Tested with EFI input frequency = 4.2MHz.
82C84A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com