Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS82C84A Datasheet(PDF) 1 Page - Intersil Corporation

Part # CS82C84A
Description  CMOS Clock Generator Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C84A Datasheet(HTML) 1 Page - Intersil Corporation

  CS82C84A Datasheet HTML 1Page - Intersil Corporation CS82C84A Datasheet HTML 2Page - Intersil Corporation CS82C84A Datasheet HTML 3Page - Intersil Corporation CS82C84A Datasheet HTML 4Page - Intersil Corporation CS82C84A Datasheet HTML 5Page - Intersil Corporation CS82C84A Datasheet HTML 6Page - Intersil Corporation CS82C84A Datasheet HTML 7Page - Intersil Corporation CS82C84A Datasheet HTML 8Page - Intersil Corporation CS82C84A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
4-287
March 1997
82C84A
CMOS Clock Generator Driver
Features
• Generates the System Clock For CMOS or NMOS
Microprocessors
• Up to 25MHz Operation
• Uses a Parallel Mode Crystal Circuit or External
Frequency Source
• Provides Ready Synchronization
• Generates System Reset Output From Schmitt Trigger
Input
• TTL Compatible Inputs/Outputs
• Very Low Power Consumption
• Single 5V Power Supply
• Operating Temperature Ranges
- C82C84A . . . . . . . . . . . . . . . . . . . . . . . . .0oC to +70oC
- I82C84A . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
- M82C84A . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Description
The Intersil 82C84A is a high performance CMOS Clock Generator-
driver which is designed to service the requirements of both CMOS
and NMOS microprocessors such as the 80C86, 80C88, 8086 and
the 8088. The chip contains a crystal controlled oscillator, a divide-by-
three counter and complete “Ready” synchronization and reset logic.
Static CMOS circuit design permits operation with an external fre-
quency source from DC to 25MHz. Crystal controlled operation to
25MHz is guaranteed with the use of a parallel, fundamental mode
crystal and two small load capacitors.
All inputs (except X1 and RES) are TTL compatible over tempera-
ture and voltage ranges.
Power consumption is a fraction of that of the equivalent bipolar cir-
cuits. This speed-power characteristic of CMOS permits the
designer to custom tailor his system design with respect to power
and/or speed requirements.
Ordering Information
PART
NUMBER
TEMP. RANGE
PACKAGE
PKG.
NO.
CP82C84A
0oC to +70oC
18 Ld PDIP
E18.3
IP82C84A
-40oC to +85oC
E18.3
CS82C84A
0oC to +70oC
20 Ld PLCC
N20.35
IS82C84A
-40oC to +85oC
N20.35
CD82C84A
0oC to +70oC
18 Ld CERDIP
F18.3
ID82C84A
-40oC to +85oC
F18.3
MD82C84A/B
-55oC to +125oC
F18.3
8406801VA
SMD#
F18.3
MR82C84A/B
-55oC to +125oC
20 Pad CLCC
J20.A
84068012A
SMD#
J20.A
Pinouts
82C84A (PDIP, CERDIP)
TOP VIEW
82C84A (PLCC, CLCC)
TOP VIEW
10
11
12
13
14
15
16
17
18
9
8
7
6
5
4
3
2
1
VCC
X2
EFI
F/C
OSC
RES
X1
GND
ASYNC
RESET
CSYNC
PCLK
RDY1
READY
RDY2
CLK
AEN1
AEN2
4
5
6
7
8
910
11
12
13
321
20
19
15
14
18
17
16
RDY1
AEN2
NC
READY
RDY2
NC
F/C
EFI
X2
ASYNC
File Number
2974.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - CS82C84A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CS82C84A INTERSIL-CS82C84A Datasheet
290Kb / 11P
CMOS Clock Generator Driver
December 6, 2005
logo
Renesas Technology Corp
CS82C84A RENESAS-CS82C84A Datasheet
596Kb / 13P
CMOS Clock Generator Driver
logo
Intersil Corporation
CS82C84AZ INTERSIL-CS82C84AZ Datasheet
290Kb / 11P
CMOS Clock Generator Driver
December 6, 2005
logo
Renesas Technology Corp
CS82C84AZ RENESAS-CS82C84AZ Datasheet
596Kb / 13P
CMOS Clock Generator Driver
logo
Intersil Corporation
CS82C84AZ96 INTERSIL-CS82C84AZ96 Datasheet
290Kb / 11P
CMOS Clock Generator Driver
December 6, 2005
More results

Similar Description - CS82C84A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1639 NTE-NTE1639 Datasheet
32Kb / 4P
Integrated Circuit CMOS Clock Generator/Driver for BBDs
logo
Panasonic Semiconductor
MN3101 PANASONIC-MN3101 Datasheet
158Kb / 4P
CLOCK GENERATOR/DRIVER CMOS LSI FOR BBD
logo
List of Unclassifed Man...
UM82C94 ETC-UM82C94 Datasheet
282Kb / 1P
CMOS CLOCK GENERATOR & DRIVER
logo
Intel Corporation
M8284A INTEL-M8284A Datasheet
473Kb / 8P
CLOCK GENERATOR AND DRIVER
logo
Intersil Corporation
82C84A INTERSIL-82C84A_05 Datasheet
290Kb / 11P
CMOS Clock Generator Driver
December 6, 2005
logo
Renesas Technology Corp
82C84A RENESAS-82C84A Datasheet
596Kb / 13P
CMOS Clock Generator Driver
logo
Silicon Supplies
54ACT3301 SS-54ACT3301 Datasheet
1Mb / 10P
CMOS Clock Generator
74ACT3301 SS-74ACT3301 Datasheet
1Mb / 10P
CMOS Clock Generator
54ACT3301 SS-54ACT3301_V01 Datasheet
1Mb / 10P
CMOS Clock Generator
Rev 1.2 16/09/22
CGS3311 SS-CGS3311_V01 Datasheet
1Mb / 10P
CMOS Clock Generator
Rev 1.2 16/09/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com