Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS82C84A Datasheet(PDF) 3 Page - Intersil Corporation

Part # CS82C84A
Description  CMOS Clock Generator Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C84A Datasheet(HTML) 3 Page - Intersil Corporation

  CS82C84A Datasheet HTML 1Page - Intersil Corporation CS82C84A Datasheet HTML 2Page - Intersil Corporation CS82C84A Datasheet HTML 3Page - Intersil Corporation CS82C84A Datasheet HTML 4Page - Intersil Corporation CS82C84A Datasheet HTML 5Page - Intersil Corporation CS82C84A Datasheet HTML 6Page - Intersil Corporation CS82C84A Datasheet HTML 7Page - Intersil Corporation CS82C84A Datasheet HTML 8Page - Intersil Corporation CS82C84A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
4-289
Pin Description
SYMBOL
NUMBER
TYPE
DESCRIPTION
AEN1,
AEN2
3, 7
I
ADDRESS ENABLE: AEN is an active LOW signal. AEN serves to qualify its respective Bus
Ready Signal (RDY1 or RDY2). AEN1 validates RDY1 while AEN2 validates RDY2. Two AEN
signal inputs are useful in system configurations which permit the processor to access two Multi-
Master System Busses. In non-Multi-Master configurations, the AEN signal inputs are tied true
(LOW).
RDY1,
RDY2
4, 6
I
BUS READY (Transfer Complete). RDY is an active HIGH signal which is an indication from a
device located on the system data bus that data has been received, or is available RDY1 is qual-
ified by AEN1 while RDY2 is qualified by AEN2.
ASYNC
15
I
READY SYNCHRONIZATION SELECT: ASYNC is an input which defines the synchronization
mode of the READY logic. When ASYNC is low, two stages of READY synchronization are pro-
vided. When ASYNC is left open or HIGH, a single stage of READY synchronization is provided.
READY
5
O
READY: READY is an active HIGH signal which is the synchronized RDY signal input. READY
is cleared after the guaranteed hold time to the processor has been met.
X1, X2
17, 16
I O
CRYSTAL IN: X1 and X2 are the pins to which a crystal is attached. The crystal frequency is 3
times the desired processor clock frequency, (Note 1).
F/C
13
I
FREQUENCY/CRYSTAL SELECT: F/C is a strapping option. When strapped LOW. F/C permits
the processor’s clock to be generated by the crystal. When F/C is strapped HIGH, CLK is gen-
erated for the EFI input, (Note 1).
EFI
14
I
EXTERNAL FREQUENCY IN: When F/C is strapped HIGH, CLK is generated from the input fre-
quency appearing on this pin. The input signal is a square wave 3 times the frequency of the de-
sired CLK output.
CLK
8
O
PROCESSOR CLOCK: CLK is the clock output used by the processor and all devices which di-
rectly connect to the processor’s local bus. CLK has an output frequency which is 1/3 of the crys-
tal or EFI input frequency and a 1/3 duty cycle.
PCLK
2
O
PERIPHERAL CLOCK: PCLK is a peripheral clock signal whose output frequency is 1/2 that of
CLK and has a 50% duty cycle.
OSC
12
O
OSCILLATOR OUTPUT: OSC is the output of the internal oscillator circuitry. Its frequency is
equal to that of the crystal.
RES
11
I
RESET IN: RES is an active LOW signal which is used to generate RESET. The 82C84A pro-
vides a Schmitt trigger input so that an RC connection can be used to establish the power-up
reset of proper duration.
RESET
10
O
RESET: RESET is an active HIGH signal which is used to reset the 80C86 family processors. Its
timing characteristics are determined by RES.
CSYNC
1
I
CLOCK SYNCHRONIZATION: CSYNC is an active HIGH signal which allows multiple 82C84As
to be synchronized to provide clocks that are in phase. When CSYNC is HIGH the internal
counters are reset. When CSYNC goes LOW the internal counters are allowed to resume count-
ing. CSYNC needs to be externally synchronized to EFI. When using the internal oscillator
CSYNC should be hardwired to ground.
GND
9
Ground
VCC
18
VCC: The +5V power supply pin. A 0.1µF capacitor between VCC and GND is recommended for
decoupling.
NOTE:
1. If the crystal inputs are not used X1 must be tied to VCC or GND and X2 should be left open.
82C84A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com