Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4046BMS Datasheet(PDF) 7 Page - Intersil Corporation

Part # CD4046BMS
Description  CMOS Micropower Phase Locked Loop
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4046BMS Datasheet(HTML) 7 Page - Intersil Corporation

Back Button CD4046BMS Datasheet HTML 3Page - Intersil Corporation CD4046BMS Datasheet HTML 4Page - Intersil Corporation CD4046BMS Datasheet HTML 5Page - Intersil Corporation CD4046BMS Datasheet HTML 6Page - Intersil Corporation CD4046BMS Datasheet HTML 7Page - Intersil Corporation CD4046BMS Datasheet HTML 8Page - Intersil Corporation CD4046BMS Datasheet HTML 9Page - Intersil Corporation CD4046BMS Datasheet HTML 10Page - Intersil Corporation CD4046BMS Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7-892
CD4046BMS
Design Information
This information is a guide for approximating the values of external components for the CD4046BMS in a Phase-Locked-
Loop system. The selected external components must be within the following ranges:
5k
Ω≤ R1, R2, RS ≤ 1MΩ
C1
≥ 100pF at VDD ≥ 5V
C1
≥ 50pF at VDD ≥ 10V
CHARACTERISTICS
PHASE
COMPARATOR USED
DESIGN INFORMATION
VCO Frequency
1
VCO Without Offset R2 =
∞
VCO With Offset
2
Same as for Number 1
For Number Signal Input
1
VCO will adjust to center frequency, fo
2
VCO will adjust to lowest operating frequency, fmin
Frequency Lock Range, 2fL
1, 2
2fL = full VCO frequency range
1, 2
2fL = fmax - fmin
Frequency Capture Range, 2fC
1
Loop Filter Component Selection
2
fC = fL
Phase Angle Between Signal and
Comparator
190o at center frequency (fo) approximating 0o and 180o at ends of lock
range (2fL)
2
Always 0o in lock
Locks On Harmonic of Center
Frequency
1
Yes
2No
Signal Input Noise Rejection
1
High
2
Low
For further information, see
(1) F. Gardner, “Phase-Lock Techniques” John Wiley and Sons, New York 1966
(2) G. S. Moschytz, “Miniaturized RC Filters Using Phase-Locked Loop”, BSTJ, May, 1965
fMAX
fMIN
fO
VDD/2
VDD
2fL
VCO INPUT VOLTAGE
fO
fMAX
fMIN
VDD/2
VDD
2fL
VCO INPUT VOLTAGE
OUT
IN R3
τI = R3C2
C2
√
(1), (2)
2
πfL
τ1
2fC
≈ 1
π
OUT
IN R3
C2
R4
For 2 fC, see Ref. (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com