Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4046BMS Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD4046BMS
Description  CMOS Micropower Phase Locked Loop
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4046BMS Datasheet(HTML) 1 Page - Intersil Corporation

  CD4046BMS Datasheet HTML 1Page - Intersil Corporation CD4046BMS Datasheet HTML 2Page - Intersil Corporation CD4046BMS Datasheet HTML 3Page - Intersil Corporation CD4046BMS Datasheet HTML 4Page - Intersil Corporation CD4046BMS Datasheet HTML 5Page - Intersil Corporation CD4046BMS Datasheet HTML 6Page - Intersil Corporation CD4046BMS Datasheet HTML 7Page - Intersil Corporation CD4046BMS Datasheet HTML 8Page - Intersil Corporation CD4046BMS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
7-886
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD4046BMS
CMOS Micropower Phase Locked Loop
Description
CD4046BMS CMOS Micropower Phase-Locked Loop (PLL)
consists of a low power linear voltage-controlled oscillator (VCO)
and two different phase comparators having a common signal-
input amplifier and a common comparator input. A 5.2V zener
diode is provided for supply regulation if necessary.
The CD4046BMS is supplied in these 16-lead outline packages:
VCO Section
The VCO requires one external capacitor C1 and one or two
external resistors (R1 or R1 and R2). Resistor R1 and capacitor
C1 determine the frequency range of the VCO and resistor R2
enables the VCO to have a frequency offset if required. The high
input impedance (1012Ω) of the VCO simplifies the design of low
pass filters by permitting the designer a wide choice of resistor-
to-capacitor ratios. In order not to load the low-pass filter, a
source-follower output of the VCO input voltage is provided at ter-
minal 10 (DEMODULATED OUTPUT). If this terminal is used, a
load resistor (RS) of 10k
Ω or more should be connected from
this terminal to VSS. If unused this terminal should be left open.
The VCO can be connected either directly or through frequency
dividers to the comparator input of the phase comparators. A full
CMOS logic swing is available at the output of the VCO and
allows direct coupling to CMOS frequency dividers such as the
Intersil CD4024, CD4018, CD4020, CD4029, and CD4050. One
or more CD4018 (Preset Table Divide-By-N Counter) or CD4029
(Presettable Up/Down Counter) or CD4029 (Presettable Divide-
by-N Counter) or CD4029 (Presettable Up/Down Counter), or
CD4059A (Programmable Divide-by “N” Counter), together with
the CD4046BMS (Phase-Locked Loop) can be used to build a
micropower low-frequency synthesizer. A logic 0 on the INHIBIT
input “enables” the VCO and the source follower, while a logic 1
“turns off” both to minimize stand-by power consumption.
Pinout
CD4046BMS
TOP VIEW
Braze Seal DIP
H4W
Frit Seal DIP
H1F
Ceramic Flatpack H6W
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
PHASE PULSES
PHASE COMP I OUT
COMPARATOR IN
VCO OUT
INHIBIT
CI(1)
VSS
C1 (2)
VDD
SIGNAL IN
PHASE COMP II OUT
R2 TO VSS
R1 TO VSS
DEMODULATOR OUT
VCO IN
ZENER
Features
• Very Low Power Consumption:
70
µW (typ.) at VCO fo = 10kHz, VDD = 5V
• Operating Frequency Range Up to 1.4 MHz (typ.) at
VDD = 10V, RI = 5k
Ω
• Low Frequency Drift: 0.04%/oC (typ.) at VDD = 10V
• Choice of Two Phase Comparators:
- Exclusive-OR Network (I)
- Edge-Controlled Memory Network with Phase-Pulse
Output for Lock Indication (II)
• High VCO Linearity: <1% (typ.) at VDD = 10V
• VCO Inhibit Control for ON-OFF Keying and Ultra-Low
Standby Power Consumption
• Source-Follower
Output
of
VCO
Control
Input
(Demod. Output)
• Zener Diode to Assist Supply Regulation
• Standardize, Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of ‘B’
Series CMOS Devices”
Applications
• FM Demodulator and Modulator
• Frequency Synthesis and Multiplication
• Frequency Discriminator
• Data Synchronization
• Voltage-to-Frequency Conversion
• Tone Decoding
• FSK - Modems
• Signal Conditioning
December 1992
File Number
3312


Similar Part No. - CD4046BMS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4046BM NSC-CD4046BM Datasheet
310Kb / 14P
Micropower Phase-Locked Loop
More results

Similar Description - CD4046BMS

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE980 NTE-NTE980 Datasheet
42Kb / 5P
Integrated Circuit CMOS, Micropower Phase-Locked Loop (PLL)
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
Phase-locked loop
January 1995
logo
Texas Instruments
CD4046B TI-CD4046B Datasheet
322Kb / 12P
CMOS MICROPOWER PHASE-LOCKED LOOP
logo
Fairchild Semiconductor
CD4046BC FAIRCHILD-CD4046BC Datasheet
185Kb / 14P
Micropower Phase-Locked Loop
logo
National Semiconductor ...
CD4046BC NSC-CD4046BC Datasheet
310Kb / 14P
Micropower Phase-Locked Loop
logo
Micro Electronics
MMC4046 MICRO-ELECTRONICS-MMC4046 Datasheet
306Kb / 8P
MICROPOWER PHASE LOCKED LOOP
logo
STMicroelectronics
HCF4046B STMICROELECTRONICS-HCF4046B_01 Datasheet
705Kb / 12P
MICROPOWER PHASE-LOCKED LOOP
Sep-2001
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
PHASE LOCKED LOOP
logo
Texas Instruments
CD4046BEE4 TI1-CD4046BEE4 Datasheet
927Kb / 16P
CMOS Micropower Phase-Lockedn Loop
CD4046B TI1-CD4046B_15 Datasheet
941Kb / 16P
CMOS Micropower Phase-Locked Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com