Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4046BMS Datasheet(PDF) 11 Page - Intersil Corporation

Part # CD4046BMS
Description  CMOS Micropower Phase Locked Loop
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4046BMS Datasheet(HTML) 11 Page - Intersil Corporation

Back Button CD4046BMS Datasheet HTML 3Page - Intersil Corporation CD4046BMS Datasheet HTML 4Page - Intersil Corporation CD4046BMS Datasheet HTML 5Page - Intersil Corporation CD4046BMS Datasheet HTML 6Page - Intersil Corporation CD4046BMS Datasheet HTML 7Page - Intersil Corporation CD4046BMS Datasheet HTML 8Page - Intersil Corporation CD4046BMS Datasheet HTML 9Page - Intersil Corporation CD4046BMS Datasheet HTML 10Page - Intersil Corporation CD4046BMS Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
7-896
CD4046BMS
Chip Dimensions and Pad Layout
Dimensions in parentheses are in millimeters
and are derived from the basic inch dimensions
as indicated. Grid graduations are in mils (10-3 inch)
METALLIZATION:
Thickness: 11k
Å
− 14kÅ, AL.
PASSIVATION:
10.4kÅ - 15.6k
Å, Silane
BOND PADS:
0.004 inches X 0.004 inches MIN
DIE THICKNESS:
0.0198 inches - 0.0218 inches
FIGURE 15. TYPICAL WAVEFORMS FOR COS/MOS PHASE-LOCKED LOOP
EMPLOYING PHASE COMPARATOR II IN LOCKED CONDICTION
III
III
SIGNAL INPUT (TERM 14)
VCO OUTPUT (TERM 4) =
COMPARATOR INPUT (TERM 3)
PHASE COMPARATOR II
OUTPUT (TERM 13)
VCO INPUT (TERM 9) =
∆ LOW-PASS FILTER
OUTPUT
PHASE PULSE (TERM 1)
NOTE: DASHED LINE IS AN OPEN
CIRCUIT CONDITION
(3RD STATE)
-VDD
-VSS
-VDD
-VSS
-VDD
-VSS
FIGURE 16. PHASE COMPARATOR II
OUTPUT LOADING CIRCUIT
VDD
VSS
2K
Ω
2K
Ω
20K
Ω
13
PHASE
COMPARATOR II
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com