Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4097BMS Datasheet(PDF) 6 Page - Intersil Corporation

Part # CD4097BMS
Description  CMOS Analog Multiplexers/Demultiplexers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4097BMS Datasheet(HTML) 6 Page - Intersil Corporation

Back Button CD4097BMS Datasheet HTML 2Page - Intersil Corporation CD4097BMS Datasheet HTML 3Page - Intersil Corporation CD4097BMS Datasheet HTML 4Page - Intersil Corporation CD4097BMS Datasheet HTML 5Page - Intersil Corporation CD4097BMS Datasheet HTML 6Page - Intersil Corporation CD4097BMS Datasheet HTML 7Page - Intersil Corporation CD4097BMS Datasheet HTML 8Page - Intersil Corporation CD4097BMS Datasheet HTML 9Page - Intersil Corporation CD4097BMS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
7-6
CD4067BMS, CD4097BMS
Functional Diagram
CD4067
CD4097
1 of 16 DECODERS
4
INHIBIT
OUT/IN
0
1
IN/OUT
15
VDD = 24
VSS = 12
1 of 8 DECODERS
3
INHIBIT
X
0
1
X
7
VDD = 24
VSS = 12
IN/OUT
Y
0
1
Y
7
IN/OUT
OUT/IN
OUT/IN
CD4067 TRUTH TABLE
ABCD
Inh
SELECTED
CHANNEL
XXXX
1
None
00000
0
10000
1
01000
2
11000
3
00100
4
10100
5
01100
6
11100
7
00010
8
10010
9
01010
10
11010
11
00110
12
10110
13
01110
14
11110
15
CD4097 TRUTH TABLE
ABC
Inh
SELECTED
CHANNEL
X
X
X
1
None
0000
0X, 0Y
1000
1X, 1Y
0100
2X, 2Y
1100
3X, 3Y
0010
4X, 4Y
1010
5X, 5Y
0110
6X, 6Y
1110
7X, 7Y
FIGURE 1. WAVEFORM CHANNEL BEING TURNED ON, OFF
FIGURE 2. PROPAGATION DELAY WAVEFORM, CHANNEL
BEING TURNED OFF, ON
TURN-ON
TIME
10%
50%
90%
10%
10%
50%
90%
90%
50%
10%
TURN-OFF TIME
tr = 20ns
tf = 20ns
tPZL
tPLZ
10%
90%
50%
tf = 20ns
tr = 20ns
90%
50%
10%
90%
10%
TURN-ON
TIME tPZH
TURN-OFF TIME
tPHZ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com