Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4097BMS Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD4097BMS
Description  CMOS Analog Multiplexers/Demultiplexers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4097BMS Datasheet(HTML) 1 Page - Intersil Corporation

  CD4097BMS Datasheet HTML 1Page - Intersil Corporation CD4097BMS Datasheet HTML 2Page - Intersil Corporation CD4097BMS Datasheet HTML 3Page - Intersil Corporation CD4097BMS Datasheet HTML 4Page - Intersil Corporation CD4097BMS Datasheet HTML 5Page - Intersil Corporation CD4097BMS Datasheet HTML 6Page - Intersil Corporation CD4097BMS Datasheet HTML 7Page - Intersil Corporation CD4097BMS Datasheet HTML 8Page - Intersil Corporation CD4097BMS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
7-1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
Pinout
CD4067BMS
TOP VIEW
CD4097BMS
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
COMMON OUT/IN
7
6
5
4
3
2
1
0
A
B
VSS
16
17
18
19
20
21
22
23
24
15
14
13
VDD
9
10
11
12
14
INHIBIT
C
D
8
13
15
*
*
* CHANNEL
IN/OUT
1
2
3
4
5
6
7
8
9
10
11
12
COMMON X
7
6
5
4
3
2
1
0
A
B
VSS
16
17
18
19
20
21
22
23
24
15
14
13
VDD
1
2
3
4
COMMON Y
7
C
INHIBIT
0
5
6
CHANNEL X
Y CHANNEL
OUT/IN
IN/OUT
OUT/IN
IN/OUT
Y CHANNEL
IN/OUT
Features
• High Voltage Types (20V Rating)
• CD4067BMS Single 16 Channel Multiplexer/Demultiplexer
• CD4097BMS Differential 8 Channel Multiplexer/Demulti-
plexer
• Low ON Resistance: 125
Ω (typ) Over 15Vp-p Signal
Input Range for VDD - VSS = 15V
• High OFF Resistance: Channel Leakage of
±10pA (typ)
at VDD - VSS = 18V
• Matched Switch Characteristics: RON = 5
Ω (typ) for
VDD - VSS = 15V
• Very Low Quiescent Power Dissipation Under All Digi-
tal Control Input and Supply Conditions: 0.2
µW (typ)
at VDD - VSS = 10V
• Binary Address Decoding on Chip
• 5V, 10V and 15V Parametric Ratings
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1
µA at 18V Over Full Pack-
age Temperature Range; 100nA at 18V and +25oC
• Standardized Symmetrical Output Characteristics
Applications
• Analog and Digital Multiplexing and Demultiplexing
• A/D and D/A Conversion
• Signal Gating
* When these devices are used as demultiplexers the “CHANNEL
IN/OUT” terminals are the outputs and the “COMMON OUT/IN” ter-
minals are the inputs.
Description
CD4067BMS and CD4097BMS CMOS analog multiplexers/
demultiplexers* are digitally controlled analog switches having
low ON Impedance, low OFF leakage current, and internal
address decoding. In addition, the ON resistance is relatively
constant over the full input-signal range.
The CD4067BMS is a 16 channel multiplexer with four binary
control inputs, A, B, C, D and an inhibit input, arranged so that
any combination of the inputs selects one switch.
The CD4097BMS is a differential 8 channel multiplexer having
three binary control inputs A, B, C and an inhibit input. The inputs
permit selection of one of eight pairs of switches. A logic “1”
present at the inhibit input turns all channels off.
The CD4067BMS and CD4097BMS are supplied in these 24
lead outline packages:
Braze Seal DIP
*H4V
†H6M
Frit Seal DIP
*H1Z
†HFN
Ceramic Flatpack
*H4P
†H4P
*CD4067B Only
†CD4097B
December 1992
CD4067BMS
CD4097BMS
CMOS Analog
Multiplexers/Demultiplexers
File Number
3190


Similar Part No. - CD4097BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4097BM TI-CD4097BM Datasheet
528Kb / 15P
CMOS Analog Multiplexers/Demultiplexers
CD4097BM TI-CD4097BM Datasheet
1,023Kb / 17P
CMOS Analog Multiplesers Demultiplexers
CD4097BM TI1-CD4097BM Datasheet
1Mb / 17P
CMOS Analog Multiplexers/Demultiplexers
CD4097BM TI2-CD4097BM Datasheet
982Kb / 26P
CD40x7B CMOS Analog Multiplexers or Demultiplexers
REVISED AUGUST 2024
CD4097BM TI2-CD4097BM Datasheet
984Kb / 26P
CD40x7B CMOS Analog Multiplexers or Demultiplexers
REVISED AUGUST 2024
More results

Similar Description - CD4097BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4051BMS INTERSIL-CD4051BMS Datasheet
149Kb / 12P
CMOS Analog Multiplexers/Demultiplexers
December 1992
logo
Texas Instruments
CD4067B TI-CD4067B Datasheet
528Kb / 15P
CMOS Analog Multiplexers/Demultiplexers
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
logo
Texas Instruments
CD4051B-Q1 TI1-CD4051B-Q1_15 Datasheet
1Mb / 24P
CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS
CD4067B TI1-CD4067B_16 Datasheet
1Mb / 17P
CMOS Analog Multiplexers/Demultiplexers
logo
ON Semiconductor
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
logo
Renesas Technology Corp
CD4051BMS RENESAS-CD4051BMS Datasheet
452Kb / 12P
CMOS Analog Multiplexers/Demultiplexers*
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com