Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4097BMS Datasheet(PDF) 3 Page - Intersil Corporation

Part # CD4097BMS
Description  CMOS Analog Multiplexers/Demultiplexers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4097BMS Datasheet(HTML) 3 Page - Intersil Corporation

  CD4097BMS Datasheet HTML 1Page - Intersil Corporation CD4097BMS Datasheet HTML 2Page - Intersil Corporation CD4097BMS Datasheet HTML 3Page - Intersil Corporation CD4097BMS Datasheet HTML 4Page - Intersil Corporation CD4097BMS Datasheet HTML 5Page - Intersil Corporation CD4097BMS Datasheet HTML 6Page - Intersil Corporation CD4097BMS Datasheet HTML 7Page - Intersil Corporation CD4097BMS Datasheet HTML 8Page - Intersil Corporation CD4097BMS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
7-3
Specifications CD4067BMS, CD4097BMS
OFF Channel Leakage
Any Channel OFF or All
Channels OFF
(Common OUT/IN)
IOZL
VOUT = 0V
VDD = 20V
1
+25oC
-0.1
-
µA
2
+125oC
-1.0
-
µA
VDD = 18V
3
-55oC
-0.1
-
µA
IOZH
VOUT = VDD
VDD = 20V
1
+25oC
-
0.1
µA
2
+125oC
-
1.0
µA
VDD = 18V
3
-55oC
-
0.1
µA
NOTES: 1. All voltages referenced to device GND, 100% testing being
implemented.
2. Go/No Go test with limits applied to inputs.
3. For accuracy, voltage is measured differentially to VDD. Limit
is 0.050V max.
4. VDD = 2.8/3.0V, RL = 200K
VDD = 20V/18V, RL = 10K - 25K
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Propagation Delay
(Signal In to Output)
TPHL
TPLH
VDD = 5V, VIN = VDD or GND
(Notes 1, 2)
9
+25oC
-
60
ns
10, 11
+125oC, -55oC
-
81
ns
Propagation Delay
Address or Inhibit to
Signal Out.
(Channel Turning On)
TPZH
TPZL
VDD = 5V, VIN = VDD or GND
(Notes 2, 3)
9
+25oC
-
650
ns
10, 11
+125oC, -55oC
-
878
ns
NOTES:
1. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
2. -55oC and +125oC limits guaranteed, 100% testing being implemented.
3. CL = 50pF, RL = 10K, Input TR, TF < 20ns.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 5V, VIN = VDD or GND
1, 2
-55oC, +25oC-
5
µA
+125oC
-
150
µA
VDD = 10V, VIN = VDD or GND
1, 2
-55oC, +25oC-
10
µA
+125oC
-
300
µA
VDD = 15V, VIN = VDD or GND
1, 2
-55oC, +25oC-
10
µA
+125oC
-
600
µA
Input Voltage Low
VIL
VDD = VIS = 10V
VEE = VSS
RL = 1K to VSS
IIS < 2
µA
ON OFF Channel
1, 2
+25oC, +125oC,
-55oC
-3
V
Input Voltage High
VIH
1, 2
+25oC, +125oC,
-55oC
+7
-
V
Propagation Delay
Address or Inhibit to
Signal Out.
(Channel Turning On)
TPZH
TPZL
VDD = 10V
1, 2, 4
+25oC
-
270
ns
VDD = 15V
1, 2, 4
+25oC
-
190
ns
Propagation Delay
Signal In to Output
TPHL
TPLH
VDD = 10V
VIS = VDD or
GND
1, 2, 3
+25oC
-
30
ns
VDD = 15V
1, 2, 3
+25oC
-
20
ns
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS (NOTE 1)
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com