Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1821CD3 Datasheet(PDF) 5 Page - Intersil Corporation

Part # CDP1821CD3
Description  High-Reliability CMOS 1024-Word x 1-Bit Static RAM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1821CD3 Datasheet(HTML) 5 Page - Intersil Corporation

  CDP1821CD3 Datasheet HTML 1Page - Intersil Corporation CDP1821CD3 Datasheet HTML 2Page - Intersil Corporation CDP1821CD3 Datasheet HTML 3Page - Intersil Corporation CDP1821CD3 Datasheet HTML 4Page - Intersil Corporation CDP1821CD3 Datasheet HTML 5Page - Intersil Corporation CDP1821CD3 Datasheet HTML 6Page - Intersil Corporation CDP1821CD3 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
6-9
Write Cycle Dynamic Electrical Specifications
tR, tF = 10ns, CL = 50pF
PARAMETER
SYMBOL
VDD
(V)
-55oC, +25oC
+125oC
UNITS
MIN
MAX
MIN
MAX
Write Cycle Time
tWC
5
300
-
420
-
ns
Address Setup Time (Note 1)
tAS
5
60
-
84
-
ns
Address Hold Time (Note1)
tAH
5
130
-
180
-
ns
Input Data Setup Time (Note 1)
tDS
5
90
-
125
-
ns
Input Data Hold Time (Note 1)
tDH
5
60
-
84
-
ns
Read/Write Pulse Width Low (Note 1)
tWL
5
110
-
155
-
ns
NOTE:
1. 100% testing. All other limits are designer’s parameters under given test conditions and do not represent 100% testing.
NOTES:
1. Chip-Select (CS) permitted to change from high to low level or remain low on a selected device.
2. Chip-Select (CS) permitted to change from low to high level or remain low.
3. Don’t care.
FIGURE 2. WRITE CYCLE TIMING DIAGRAM
CS
A0 - A9
R/W
(NOTE 3)
(NOTE 1)
tWC
(NOTE 2)
(NOTE 3)
(NOTE 3)
DI
tWL
tAS
tDS
tDH
tAH
CDP1821C/3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com