Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1821CD3 Datasheet(PDF) 6 Page - Intersil Corporation

Part # CDP1821CD3
Description  High-Reliability CMOS 1024-Word x 1-Bit Static RAM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1821CD3 Datasheet(HTML) 6 Page - Intersil Corporation

  CDP1821CD3 Datasheet HTML 1Page - Intersil Corporation CDP1821CD3 Datasheet HTML 2Page - Intersil Corporation CDP1821CD3 Datasheet HTML 3Page - Intersil Corporation CDP1821CD3 Datasheet HTML 4Page - Intersil Corporation CDP1821CD3 Datasheet HTML 5Page - Intersil Corporation CDP1821CD3 Datasheet HTML 6Page - Intersil Corporation CDP1821CD3 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6-10
Data Retention Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
-55oC, +25oC
+125oC
UNITS
VDR
(V)
VDD
(V)
MIN
MAX
MIN
MAX
Minimum Data Retention Voltage
(Note 1)
VDD
-
-
-
2
-
2.5
V
Data Retention Quiescent Current
(Note 1)
IDD
2
-
-
50
-
200
µA
Chip Deselect to Data Retention Time
tCDR
-
5
450
-
650
-
ns
Recovery to Normal Operation Time
tRC
-
5
450
-
650
-
ns
NOTE:
1. 100% testing. All other limits are designer’s parameters under given test conditions and do not represent 100% testing
FIGURE 3. LOW VDD DATA RETENTION WAVEFORMS AND TIMING DIAGRAM
Burn-In Circuit
FIGURE 4. DYNAMIC/OPERATING BURN-IN CIRCUIT AND TIMING DIAGRAM
VDD
VDR
0.95 VDD
0.95 VDD
tCDR
VIH
VIL
VIH
VIL
CS
tF
tR
tRC
DATA RETENTION MODE
PACKAGE
VDD
TEMPERATURE
DURATION
D
7V
+125oC
160 Hrs.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
A11
A0
A1
A2
A3
A4
RI
VDD/2
VDD
O1
A9
A8
A7
A6
A5
A10
R
R
R
R
R
R
R
R
R
R
R
R
R
0
1.6
2.2
5.0
6.6
7.2
10.0
O1
A0
A1
0
VDD
0
VDD
VDD
0
µs
A1 - A11 ARE DIVISION BY 2 BASED ON A0
R = 8.2k
Ω 20%
RI = 2kΩ 20%
CDP1821C/3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com