Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1821CD3 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CDP1821CD3
Description  High-Reliability CMOS 1024-Word x 1-Bit Static RAM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1821CD3 Datasheet(HTML) 1 Page - Intersil Corporation

  CDP1821CD3 Datasheet HTML 1Page - Intersil Corporation CDP1821CD3 Datasheet HTML 2Page - Intersil Corporation CDP1821CD3 Datasheet HTML 3Page - Intersil Corporation CDP1821CD3 Datasheet HTML 4Page - Intersil Corporation CDP1821CD3 Datasheet HTML 5Page - Intersil Corporation CDP1821CD3 Datasheet HTML 6Page - Intersil Corporation CDP1821CD3 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
6-5
March 1997
CDP1821C/3
High-Reliability CMOS
1024-Word x 1-Bit Static RAM
Features
• Static CMOS Silicon-On-Sapphire Circuitry CD4000-
Series Compatible
• Compatible with CDP1800-Series Microprocessors at
Maximum Speed
• Fast Access Time. . . . . . . . . . . 100ns Typ. at VDD = 5V
• Single Voltage Supply
• No Precharge or External Clocks Required
• Low Quiescent and Operating Power
• Separate Data Inputs and Outputs
• High Noise Immunity . . . . . . . . . . . . . . . . . . 30% of VDD
• Memory Retention for Standby Battery Voltage Down
to 2V at +25oC
• Latch-Up-Free Transient-Radiation Tolerance
Description
The CDP1821C/3 is a 1024-word x 1-bit CMOS silicon-on-sap-
phire (SOS), fully static, random-access memory designed for
use in CDP1800 microprocessor systems. This device has a
recommended operating voltage range of 4V to 6.5V.
The output state of the CDP1821C/3 is a function of the
input address and chip-select states only. Valid data will
appear at the output in one access time following the latest
address change to a selected chip. After valid data appears,
the address may be changed immediately. It is not neces-
sary to clock the chip-select input or any other input terminal
for fully static operation; therefore the chip-select input may
be used as an additional address input. When the device is
in an unselected state (CS = 1), the internal write circuitry
and output sense amplifier are disabled. This feature allows
the three-state data outputs from many arrays to be OR-tied
to a common bus for easy memory expansion.
Pinout
CDP1821C/3
(SBDIP)
TOP VIEW
Ordering Information
PACKAGE
TEMP. RANGE
PART
NUMBER
PKG. NO.
SBDIP
-55oC to +125oC
CDP1821CD3
D16.3
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
CS
A0
A1
A2
A3
A4
VSS
DO
VDD
RD/WR
A9
A8
A7
A6
A5
DI
File Number
2983.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - CDP1821CD3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1822 INTERSIL-CDP1822 Datasheet
45Kb / 8P
256-Word x 4-Bit LSI Static RAM
March 1997
CDP1822 INTERSIL-CDP1822 Datasheet
169Kb / 9P
256-Word x 4-Bit LSI Static RAM
March 1997
CDP1822C INTERSIL-CDP1822C Datasheet
45Kb / 8P
256-Word x 4-Bit LSI Static RAM
March 1997
CDP1822C INTERSIL-CDP1822C Datasheet
27Kb / 5P
High-Reliability CMOS 256-Word x 4-Bit LSI Static RAM
March 1997
CDP1822C INTERSIL-CDP1822C Datasheet
169Kb / 9P
256-Word x 4-Bit LSI Static RAM
March 1997
More results

Similar Description - CDP1821CD3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1822C INTERSIL-CDP1822C Datasheet
27Kb / 5P
High-Reliability CMOS 256-Word x 4-Bit LSI Static RAM
March 1997
CDP1823C INTERSIL-CDP1823C Datasheet
28Kb / 6P
High-Reliability CMOS 128-Word x 8-Bit Static RAM
March 1997
MWS5114 INTERSIL-MWS5114 Datasheet
29Kb / 7P
1024-Word x 4-Bit LSI Static RAM
March 1997
logo
Hitachi Semiconductor
HM6267 HITACHI-HM6267 Datasheet
327Kb / 7P
16384-word x 1-bit High Speed CMOS Static RAM
HM6147H HITACHI-HM6147H Datasheet
354Kb / 7P
4096-word x 1-bit High Speed CMOS Static RAM
HM6148HLP HITACHI-HM6148HLP Datasheet
265Kb / 5P
1024-word x 4-bit High Speed Static CMOS RAM
logo
Intersil Corporation
MWS5114 INTERSIL-MWS5114_1 Datasheet
113Kb / 8P
1024-Word x 4-Bit LSI Static RAM
March 1997
logo
Toshiba Semiconductor
TC551402J TOSHIBA-TC551402J_V01 Datasheet
347Kb / 6P
4,194,304 WORD x 1 BIT/1,048,576 WORD x 4 BIT CMOS STATIC RAM
TC5561P TOSHIBA-TC5561P Datasheet
616Kb / 6P
65,536 WORD X 1 BIT CMOS STATIC RAM
TC5562P TOSHIBA-TC5562P Datasheet
597Kb / 6P
65,536 WORD X 1 BIT CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com