Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5013IP Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA5013IP
Description  Triple, 125MHz Video Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5013IP Datasheet(HTML) 1 Page - Intersil Corporation

  HA5013IP Datasheet HTML 1Page - Intersil Corporation HA5013IP Datasheet HTML 2Page - Intersil Corporation HA5013IP Datasheet HTML 3Page - Intersil Corporation HA5013IP Datasheet HTML 4Page - Intersil Corporation HA5013IP Datasheet HTML 5Page - Intersil Corporation HA5013IP Datasheet HTML 6Page - Intersil Corporation HA5013IP Datasheet HTML 7Page - Intersil Corporation HA5013IP Datasheet HTML 8Page - Intersil Corporation HA5013IP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999
HA5013
Triple, 125MHz Video Amplifier
The HA5013 is a low cost triple amplifier optimized for RGB
video applications and gains between 1 and 10. It is a
current feedback amplifier and thus yields less bandwidth
degradation at high closed loop gains than voltage feedback
amplifiers.
The low differential gain and phase, 0.1dB gain flatness, and
ability to drive two back terminated 75
Ω cables, make this
amplifier ideal for demanding video applications.
The current feedback design allows the user to take
advantage of the amplifier’s bandwidth dependency on the
feedback resistor.
The performance of the HA5013 is very similar to the
popular Intersil HA-5020 single video amplifier.
Pinout
HA5013
(PDIP, SOIC)
TOP VIEW
Features
• Wide Unity Gain Bandwidth . . . . . . . . . . . . . . . . . 125MHz
• Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 475V/
µs
• Input Offset Voltage . . . . . . . . . . . . . . . . . . . . . . . . 800
µV
• Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.03%
• Differential Phase . . . . . . . . . . . . . . . . . . . . 0.03 Degrees
• Supply Current (Per Amplifier) . . . . . . . . . . . . . . . . 7.5mA
• ESD Protection. . . . . . . . . . . . . . . . . . . . . . . . . . . . 4000V
• Guaranteed Specifications at
±5V Supplies
• Low Cost
Applications
• PC Add-On Multimedia Boards
• Flash A/D Driver
• Color Image Scanners
• CCD Cameras and Systems
• RGB Cable Driver
• RGB Video Preamp
• PC Video Conferencing
NC
NC
NC
V+
+IN1
-IN1
OUT1
OUT2
-IN2
+IN2
V-
+IN3
-IN3
OUT3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
+
-
-
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HA5013IP
-40 to 85
14 Ld PDIP
E14.3
HA5013IB
-40 to 85
14 Ld SOIC
M14.15
HA5025EVAL
High Speed Op Amp DIP Evaluation Board
Data Sheet
September 1998
File Number
3654.4


Similar Part No. - HA5013IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5013IP INTERSIL-HA5013IP Datasheet
372Kb / 14P
Triple, 125MHz Video Amplifier
November 2004
logo
Renesas Technology Corp
HA5013IP RENESAS-HA5013IP Datasheet
380Kb / 14P
PC Add-On Multimedia Boards
November 2004
More results

Similar Description - HA5013IP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC6333 FAIRCHILD-RC6333 Datasheet
39Kb / 8P
Triple Video Amplifier
logo
Intersil Corporation
HA5023 INTERSIL-HA5023 Datasheet
136Kb / 14P
Dual 125MHz Video Current Feedback Amplifier
September 1998
HA5025 INTERSIL-HA5025 Datasheet
150Kb / 13P
Quad, 125MHz Video Current Feedback Amplifier
September 1998
HA5023883 INTERSIL-HA5023883 Datasheet
813Kb / 19P
Dual 125MHz Video Current Feedback Amplifier
January 1995
HA5023 INTERSIL-HA5023_06 Datasheet
360Kb / 16P
Dual 125MHz Video Current Feedback Amplifier
June 2, 2006
HA5025 INTERSIL-HA5025_03 Datasheet
336Kb / 15P
Quad, 125MHz Video Current Feedback Amplifier
May 2003
HA5013 INTERSIL-HA5013_04 Datasheet
372Kb / 14P
Triple, 125MHz Video Amplifier
November 2004
HA5023IPZ INTERSIL-HA5023IPZ Datasheet
435Kb / 17P
Dual 125MHz Video Current Feedback Amplifier
September 30, 2015
logo
Renesas Technology Corp
HA5023 RENESAS-HA5023 Datasheet
806Kb / 17P
Dual 125MHz Video CurrentFeedback Amplifier
HA5025 RENESAS-HA5025 Datasheet
846Kb / 15P
Quad, 125MHz Video Current Feedback Amplifier
May 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com