Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5013IP Datasheet(PDF) 12 Page - Intersil Corporation

Part # HA5013IP
Description  Triple, 125MHz Video Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5013IP Datasheet(HTML) 12 Page - Intersil Corporation

Back Button HA5013IP Datasheet HTML 6Page - Intersil Corporation HA5013IP Datasheet HTML 7Page - Intersil Corporation HA5013IP Datasheet HTML 8Page - Intersil Corporation HA5013IP Datasheet HTML 9Page - Intersil Corporation HA5013IP Datasheet HTML 10Page - Intersil Corporation HA5013IP Datasheet HTML 11Page - Intersil Corporation HA5013IP Datasheet HTML 12Page - Intersil Corporation HA5013IP Datasheet HTML 13Page - Intersil Corporation HA5013IP Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
FIGURE 32. SUPPLY CURRENT vs DISABLE INPUT VOLTAGE
FIGURE 33. OUTPUT SWING vs TEMPERATURE
FIGURE 34. OUTPUT SWING vs LOAD RESISTANCE
FIGURE 35. INPUT OFFSET VOLTAGE CHANGE BETWEEN
CHANNELS vs TEMPERATURE
FIGURE 36. INPUT BIAS CURRENT CHANGE BETWEEN
CHANNELS vs TEMPERATURE
FIGURE 37. CHANNEL SEPARATION vs FREQUENCY
Typical Performance Curves VSUPPLY = ±5V, AV = +1, RF = 1kΩ, RL = 400Ω, TA = 25oC,
Unless Otherwise Specified (Continued)
1
0
2
3
4
5
6
7
8
9
10 11 12 13 14 15
DISABLE INPUT VOLTAGE (V)
40
30
20
10
0
+5V
+10V
+15V
4.0
3.8
3.6
-60
-40
-20
0
40
60
80
100
120
140
20
TEMPERATURE (oC)
0.01
0.10
1.00
10.00
30
20
10
0
LOAD RESISTANCE (k
Ω)
VS = ±15V
VS = ±10V
VS = ±4.5V
-60
-40
-20
0
40
60
80
100
120
140
20
1.2
1.1
1.0
0.9
0.8
TEMPERATURE (oC)
-60
-40
-20
1.5
1.0
0.5
0.0
TEMPERATURE (oC)
40
60
80
100
120
140
20
0
-30
-40
-50
-60
-70
-80
0.1
1
10
30
FREQUENCY (MHz)
AV = +1
VOUT = 2VP-P
HA5013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com